Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR28 Datasheet(PDF) 1 Page - Same Sky Devices

Part # PR28
Description  POWER RELAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

PR28 Datasheet(HTML) 1 Page - Same Sky Devices

  PR28 Datasheet HTML 1Page - Same Sky Devices PR28 Datasheet HTML 2Page - Same Sky Devices PR28 Datasheet HTML 3Page - Same Sky Devices PR28 Datasheet HTML 4Page - Same Sky Devices PR28 Datasheet HTML 5Page - Same Sky Devices PR28 Datasheet HTML 6Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
date 09/12/2024
page 1 of 6
SERIES: PR28 | DESCRIPTION: POWER RELAY
sameskydevices.com
FEATURES
• 20 amp
• 1 form A
• 1 form C
• class F
MODEL
coil
voltage
coil
resistance
operating
voltage1
release
voltage
continuous
voltage
coil
power
typ
(Vdc)
(Ω
±10%)
min
(Vdc)
max
(Vdc)
max
(Vdc)
max
(mW)
PR28-3V-360
3
25
2.25
0.3
3.3
360
PR28-5V-360
5
70
3.8
0.5
5.5
360
PR28-6V-360
6
100
4.5
0.6
6.6
360
PR28-9V-360
9
225
6.8
0.9
9.9
360
PR28-12V-360
12
400
9.0
1.2
13.2
360
PR28-15V-360
15
625
11.25
1.5
16.5
360
PR28-18V-360
18
900
13.5
1.8
19.8
360
PR28-24V-360
24
1,600
18.0
2.4
26.4
360
PR28-36V-360
36
3,600
27.0
3.6
39.6
360
PR28-48V-360
48
6,400
36.0
4.8
52.8
360
Notes:
1. Relay may pull in with less than operating voltage.
2. All specifications are measured at 23°C unless otherwise specified.
PART NUMBER KEY
Base Number
PR28 - XX - 360 - XX - X
Coil Voltage (Vdc):
3V = 3
5V = 5
6V = 6
9V = 9
12V = 12
15V = 15
18V = 18
24V = 24
36V = 36
48V = 48
Contact Form:
1A = 1 Form A
1C = 1 Form C
Sealing:
“blank” = Flux Protection
E = Epoxy Sealed
CUI Devices is now Same Sky!
Learn More
Additional Resources: Product Page | PCB Footprint


Similar Part No. - PR28

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
PR28 CML-PR28 Datasheet
222Kb / 1P
B-6 Single Bayonet Base
logo
Visual Communications C...
PR28 VCC-PR28 Datasheet
26Kb / 1P
Single Bayonet Base
logo
Shanghai Cyanlite Techn...
PR28WD40 CYANLITE-PR28WD40 Datasheet
1Mb / 3P
LED Round Panel Light - CYNTHIA
More results

Similar Description - PR28

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
41083 MACOM-41083 Datasheet
180Kb / 2P
Power Relay
logo
Omron Electronics LLC
G6RN1DC12 OMRON-G6RN1DC12 Datasheet
393Kb / 6P
Power Relay
logo
Adam Technologies, Inc.
RPC-1C-48-S ADAM-TECH-RPC-1C-48-S Datasheet
89Kb / 1P
POWER RELAY
RPG-2A-P-5 ADAM-TECH-RPG-2A-P-5 Datasheet
91Kb / 1P
POWER RELAY
RPM-1C-P-5 ADAM-TECH-RPM-1C-P-5 Datasheet
88Kb / 1P
POWER RELAY
RPN-1A-P-12 ADAM-TECH-RPN-1A-P-12 Datasheet
91Kb / 1P
POWER RELAY
RPN-N3-1C-P-X ADAM-TECH-RPN-N3-1C-P-X Datasheet
94Kb / 1P
POWER RELAY
logo
CUI INC
PR5 CUI-PR5 Datasheet
448Kb / 4P
POWER RELAY
08/15/2022
PR13 CUI-PR13 Datasheet
445Kb / 5P
POWER RELAY
08/15/2022
PR19 CUI-PR19 Datasheet
446Kb / 5P
POWER RELAY
08/09/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com