Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR28 Datasheet(PDF) 2 Page - Same Sky Devices

Part # PR28
Description  POWER RELAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

PR28 Datasheet(HTML) 2 Page - Same Sky Devices

  PR28 Datasheet HTML 1Page - Same Sky Devices PR28 Datasheet HTML 2Page - Same Sky Devices PR28 Datasheet HTML 3Page - Same Sky Devices PR28 Datasheet HTML 4Page - Same Sky Devices PR28 Datasheet HTML 5Page - Same Sky Devices PR28 Datasheet HTML 6Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SAME SKY | SERIES: PR28 | DESCRIPTION: POWER RELAY
date 09/12/2024 | page 2 of 6
sameskydevices.com
COIL SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
coil power
nominal
at pickup voltage
360
207
mW
mW
temperature rise
at nominal coil voltage
42
K
CONTACT SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
contact form
1 Form A, 1 Form C
contact material
AgSnO2 (silver tin oxide)
contact rating
1 Form A
17 A @ 277 Vac
12 A @ 250 Vac
1 Form C
17/10 A @ 277 Vac NO/NC
contact resistance
at 1 A, 6 V, voltage drop method
100
mΩ
max switching voltage
277
30
Vac
Vdc
max switching current
Vac
Vdc
20
16
A
A
max switching power
Vac
Vdc
4,700
480
VA
W
life
electrical: at 277 Vac, 16 A (1 Form A/1 Form C (NO),
7 A (1 Form C (NC), resistive
mechanical
100,000
10,000,000
operations
operations
GENERAL SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
insulation resistance
at 500 Vdc, 23 °C, 50% RH
100
MΩ
dielectric strength
between coil and contacts at sea level for 1 minute
2,000
Vrms
operate time
at nominal coil voltage
10
ms
release time
at nominal coil voltage, without coil suppression
5
ms
shock resistance
10
G
vibration resistance
10~55 Hz, 1.5 mm double amplitude
operating temperature
at nominal coil voltage
-40
85
°C
storage temperature
at nominal coil voltage
-40
130
°C
weight
9.5
g
safety approvals
UL/cUL 508
flammability rating
UL94V-0
RoHS
yes
packaging
box: 100 pcs per box
carton QTY: 1,000 pcs per carton
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
wave soldering
for max 5 seconds
260
°C
washable
only on epoxy sealed models
max imersion time of 30 seconds
80
°C
Additional Resources: Product Page | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com