Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCDB2000 Datasheet(PDF) 15 Page - Texas Instruments

Part # CDCDB2000
Description  CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCDB2000 Datasheet(HTML) 15 Page - Texas Instruments

Back Button CDCDB2000_V01 Datasheet HTML 11Page - Texas Instruments CDCDB2000_V01 Datasheet HTML 12Page - Texas Instruments CDCDB2000_V01 Datasheet HTML 13Page - Texas Instruments CDCDB2000_V01 Datasheet HTML 14Page - Texas Instruments CDCDB2000_V01 Datasheet HTML 15Page - Texas Instruments CDCDB2000_V01 Datasheet HTML 16Page - Texas Instruments CDCDB2000_V01 Datasheet HTML 17Page - Texas Instruments CDCDB2000_V01 Datasheet HTML 18Page - Texas Instruments CDCDB2000_V01 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
6.5.2 SBI
Side-Band Interface (SBI) is a simple 3-wire serial interface. This interface consists of DATA, CLK and
SHFT_LD# pins. When the SHFT_LD# pin is high, the rising edge of CLK clocks DATA into a shift register.
After shifting data, the falling edge of SHFT_LD# loads the shift register contents into the Output Register. Both
the SBI and the traditional SMBus interface feed common output enable/disable synchronization logic, which
ensures glitch-free enable and disable outputs regardless of the method used.
SBI can be configured at a system level in three ways: star topology, daisy chain topology, and directly. The star
topology is shown in Figure 6-3. The daisy chain topology is shown in Figure 6-4.
SBI
Controller
CDCDB2000
(1)
CDCDB2000
(2)
DATA
CLK
SHFT_LD# (2)
SHFT_LD# (1)
Figure 6-3. SBI Star Topology
SBI
Controller
CK440Q
CDCDB2000
SBI_IN
CLK
SHFT_LD#
DATA
SBI_OUT
Figure 6-4. SBI Daisy Chain Topology
www.ti.com
CDCDB2000
SNAS787B – NOVEMBER 2019 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: CDCDB2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com