Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCDB2000 Datasheet(PDF) 2 Page - Texas Instruments

Part # CDCDB2000
Description  CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCDB2000 Datasheet(HTML) 2 Page - Texas Instruments

  CDCDB2000_V01 Datasheet HTML 1Page - Texas Instruments CDCDB2000_V01 Datasheet HTML 2Page - Texas Instruments CDCDB2000_V01 Datasheet HTML 3Page - Texas Instruments CDCDB2000_V01 Datasheet HTML 4Page - Texas Instruments CDCDB2000_V01 Datasheet HTML 5Page - Texas Instruments CDCDB2000_V01 Datasheet HTML 6Page - Texas Instruments CDCDB2000_V01 Datasheet HTML 7Page - Texas Instruments CDCDB2000_V01 Datasheet HTML 8Page - Texas Instruments CDCDB2000_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................2
5 Specifications.................................................................. 6
5.1 Absolute Maximum Ratings........................................ 6
5.2 ESD Ratings............................................................... 6
5.3 Recommended Operating Conditions.........................6
5.4 Thermal Information....................................................6
5.5 Electrical Characteristics.............................................6
5.6 Timing Requirements..................................................8
5.7 Typical Characteristics.............................................. 10
6 Detailed Description...................................................... 11
6.1 Overview................................................................... 11
6.2 Functional Block Diagram......................................... 11
6.3 Feature Description...................................................11
6.4 Device Functional Modes..........................................12
6.5 Programming............................................................ 14
7 Register Maps................................................................ 16
7.1 CDCDB2000 Registers............................................. 16
8 Application and Implementation.................................. 22
8.1 Application Information............................................. 22
8.2 Typical Application.................................................... 22
8.3 Power Supply Recommendations.............................23
8.4 Layout....................................................................... 24
9 Device and Documentation Support............................27
9.1 Device Support......................................................... 27
9.2 Receiving Notification of Documentation Updates....27
9.3 Support Resources................................................... 27
9.4 Trademarks...............................................................27
9.5 Electrostatic Discharge Caution................................27
9.6 Glossary....................................................................27
10 Revision History.......................................................... 27
11 Mechanical, Packaging, and Orderable
Information.................................................................... 27
4 Pin Configuration and Functions
DAP = GND
CK17
_P
CK17
_N
CK18
_P
CK18
_N
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
VDD
SBEN
CK16
_N
CK16
_P
CK19
_P
CK19
_N
CLKIN
_P
CLKIN
_N
VDD
_A
CK0
_P
CK0
_N
CK1
_P
CK1
_N
VDD
CK2
_P
CK2
_N
CK3
_P
CK3
_N
SMB
DAT
SMB
CLK
CK4
_P
CK4
_N
CK5
_P
CK5
_N
CK6
_P
CK6
_N
NC
VDD
OE6#
CLK
OE5#
DATA
CK7
_P
CK7
_N
CK8
_P
CK8
_N
CK9
_P
CK9
_N
OE9#
CK10
_P
CK10
_N
NC
NC
OE7#
OE8#
NC
NC
OE11#
OE10#
SHFT
_LD#
VDD
CK11
_P
CK11
_N
CK12
_P
CK12
_N
OE12#
CK13
_P
CK13
_N
NC
SADR
1
NC
VDD
SADR
0
CK14
_P
CK15
_P
CK15
_N
CK14
_N
CKPW
RGD
_PD#
A
B
C
D
E
F
G
H
J
K
L
M
A
B
C
D
E
F
G
H
J
K
L
M
1
2
3
4
5
6
7
8
9
10
11
12
1
2
3
4
5
6
7
8
9
10
11
12
Figure 4-1. CDCDB2000 NPP Package 80-Pin TLGA Top View
CDCDB2000
SNAS787B – NOVEMBER 2019 – REVISED OCTOBER 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CDCDB2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com