Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8720-32C-DC-R Datasheet(PDF) 2 Page - Extreme Networks.

Part # 8720-32C-DC-R
Description  Next Generation Secure Data Center and Mobile Edge Spine Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

8720-32C-DC-R Datasheet(HTML) 2 Page - Extreme Networks.

  8720-32C-DC-R Datasheet HTML 1Page - Extreme Networks. 8720-32C-DC-R Datasheet HTML 2Page - Extreme Networks. 8720-32C-DC-R Datasheet HTML 3Page - Extreme Networks. 8720-32C-DC-R Datasheet HTML 4Page - Extreme Networks. 8720-32C-DC-R Datasheet HTML 5Page - Extreme Networks. 8720-32C-DC-R Datasheet HTML 6Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Trusted Delivery
Trusted Delivery from Extreme Networks is designed to protect your key
service delivery infrastructure at remote, often-unattended sites, as well
as within colocation and data center environments where shared facility
access is a concern. With Measured Boot—a security mechanism designed
to verify the boot and runtime processes—Extreme Networks provides
the capability to validate hardware components, boot process, and the
operating system from factory to installation. Combined with remote
attestation, where a trusted off-box challenger provides an objective
measurement of trust, Measured Boot provides ongoing binary-level
validation during operation.
Plug 'n Play Data Center Fabrics with
ExtremeCloud Orchestrator
ExtremeCloud Orchestrator simplifies and accelerates the deployment of
the data center IP Fabric. The on-box application runs as a service on
the Integrated Application Hosting environment within the 8720 and uses
industry-standard open API-based programmable interfaces to provide
the easiest way to deploy, provision, and automate single or multiple
data center IP Fabric networks in the fastest and most efficient way.
ExtremeCloud Orchestrator is also the point of integration for VMware
vCenter, Microsoft Hyper V, and OpenStack.
Modular, Virtualized Operating System
The 8720 runs Extreme SLX-OS, a fully virtualized Linux-based operating
system that delivers process-level resiliency and fault isolation. SLX-OS
supports advanced switching features and is highly programmable with
support for REST API, Python, and NETCONF/RESTCONF. It is based on
Linux, which offers all the advantages of open source and access to
commonly used Linux tools.
With enhanced support for Trusted Delivery features, such as Measured
Boot and strong security defaults, Extreme SLX-OS continues to further
protect against ever-growing security threats to infrastructure.
Management
The 8720 can be managed in a variety of ways. REST, NETCONF
management interface or simple on-box management functions are
delivered with CLI for manual configuration.
High-Availability and Reliability
The 8720 delivers the high performance and reliability required by modern
enterprises and service provider data centers. It is designed for high
availability from both a software and hardware perspective, such as a
clear separation between the control plane and data plane and redundant
power supplies and fan modules.
Integrated Application Hosting
The 8720 can run onboard VM-based applications alongside the
switch OS—all without impacting performance. This flexible and open
solution enables organizations to deploy Extreme- provided or third-party
applications and tools directly on the switch for security, monitoring,
troubleshooting, or extended network functionality—based on customer
need—without a separate hardware device. This unique design does not
impact the control and forwarding plane of the switch and provides
dedicated CPUs, memory, and SSD storage for flexible packet capture and
offline processing.
www.extremenetworks.com
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com