Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8720-32C-DC-R Datasheet(PDF) 4 Page - Extreme Networks.

Part # 8720-32C-DC-R
Description  Next Generation Secure Data Center and Mobile Edge Spine Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

8720-32C-DC-R Datasheet(HTML) 4 Page - Extreme Networks.

  8720-32C-DC-R Datasheet HTML 1Page - Extreme Networks. 8720-32C-DC-R Datasheet HTML 2Page - Extreme Networks. 8720-32C-DC-R Datasheet HTML 3Page - Extreme Networks. 8720-32C-DC-R Datasheet HTML 4Page - Extreme Networks. 8720-32C-DC-R Datasheet HTML 5Page - Extreme Networks. 8720-32C-DC-R Datasheet HTML 6Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Power Supply Specifications
750W AC PSU
XN-ACPWR-750W-F/R
750W DC PSU
XN-DCPWR-750W-F/R
Dimensions
3.15 in W x 1.57 in H x 8.11 in D
(8.0 cm x 4.0 cm x 20 .6 cm)
3.15 in W x 1.57 in H x 8.11 in D
(8.0 cm x 4.0 cm x 20 .6 cm)
Weight
1.79 lb (0 .81 kg)
1.85 lb (0.85 kg)
Voltage Input Range
100-140 VAC / 200 -240 VAC
-48 to -60 VDC
Line Frequency Range
50/60Hz
N/A
PSU Input Socket
IEC 320 C14
Terminal Block
PSU Output Cord
IEC 320 C13
N/A
Operating Conditions
0°-55° C operation
0°-55° C operation
Technical Specs
Environmental Specifications
EN/ETSI 300 019-2-1 v2.1.2 - Class 1.2 Storage
EN/ETSI 300 019-2-2 v2.1.2 - Class 2.3 Transportation
EN/ETSI 300 019-2-3 v2.1.2- Class 3.1e Operational
EN/ETSI 300 753 (1997-10) - Acoustic Noise
ASTM D3580 Random Vibration Unpackaged 1.5 G
Environmental Compliance
EU RoHS 2011/65/EU
EU WEEE 2012/19/EU
China RoHS 2 GB/T 26572
Taiwan RoHS CNS 15663(2013.7)
IEEE Compliance
Ethernet
IEEE802.1D Spanning Tree Protocol
IEEE802.1s Multiple Spanning Tree
IEEE802.1s Multiple Spanning Tree
IEEE802.3 Ethernet
IEEE802.3ad Link Aggregation with LACP
IEEE802.3ae 10G Ethernet
IEEE802.1Q VLAN Tagging
IEEE802.1p Class of Service Prioritization and Tagging
IEEE802.1v VLAN Classification by Protocol and Port
IEEE802.1AB Link Layer Discovery Protocol (LLDP)
IEEE802.3x Flow Control (Pause Frames)
For more information on the supported RFCs, visit the https://
www.extremenetworks.com/support/documentation. Search for
the
Extreme SLX-OS Scale and Standards Matrix document for
your version of SLX-OS.
Layer 2 Switching
Conversational MAC Learning
Virtual Link Aggregation Group (vLAG) spanning
Layer 2 Access Control Lists (ACLs)
Address Resolution Protocol (ARP) RFC 826
Layer 2 Loop prevention in an overlay environment
MLD Snooping
IGMP v1/v2 Snooping
MAC Learning and Aging
Link Aggregation Control Protocol (LACP) IEEE 802.3ad/802.1AX
Virtual Local Area Networks (VLANs)
VLAN Encapsulation 802.1Q
Per-VLAN Spanning Tree (PVST+/PVRST+)
Rapid Spanning Tree Protocol (RSTP) 802.1w
Multiple Spanning Tree Protocol (MSTP) 802.1s
STP PortFast, BPDU Guard, BPDU Filter
STP Root Guard
Pause Frames 802.3x
Static MAC Configuration
Multi-Chassis Trunking (MCT)
Layer 3 Routing
Border Gateway Protocol (BGP4+)
DHCP Helper
Layer 3 ACLs
IGMPv2
OSPF v2/v3
Static routes
IPv4/v6ACL
Bidirectional Forwarding Detection (BFD)
64-Way ECMP
VRF Lite
VRF-aware OSPF, BGP, VRRP, static routes
www.extremenetworks.com
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com