Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XN-2P-RKMT299 Datasheet(PDF) 2 Page - Extreme Networks.

Part # XN-2P-RKMT299
Description  Universal Aggregation/Core Switch Platform
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

XN-2P-RKMT299 Datasheet(HTML) 2 Page - Extreme Networks.

  XN-2P-RKMT299 Datasheet HTML 1Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 2Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 3Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 4Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 5Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 6Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 7Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 8Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Universal Hardware Platform
The 7720 Series comes with a dual-persona capability allowing user choice
of the switch operating system (OS). Either the Switch Engine (EXOS) or
Fabric Engine (VOSS) persona can be enabled on 7720 hardware models.
The desired persona can be selected at start-up or changed at a later stage.
Once selected, the 7720 assumes the features/capabilities of the selected
OS.
7720 persona activation can be done manually at boot-up, including via
the system CLI. Or, it can be automated by pre-provisioning the 7720
persona in ExtremeCloud IQ. When first booted, the 7720 automatically
connects to ExtremeCloud IQ to find its persona. The pre-provisioned OS
persona is then remotely enabled on the 7720 system – eliminating the
need for manual selection.
Ethernet Fabric Services
The 7720 supports a variety of Ethernet Fabric services, including Extreme’s
Fabric Connect when running Fabric Engine (VOSS) and Extreme’s IP
Fabric when running Switch Engine (EXOS). It also supports Fabric Attach
for automated connection to either Layer 2 or Layer 3 fabric services.
Extreme’s Fabric Connect and IP Fabric on the 7720 enable the creation
of virtualized networks that automate network operations, simplify network
provisioning, and enhance security, all while reducing the strain on
network and IT personnel.
High-Performance Stacking
Two of the 7720’s QSFP28 uplink ports can be used for high-speed 400Gb
stacking when running Switch Engine (EXOS). Up to eight systems can
be stacked using qualified direct attach cables and/or optical transceivers.
(Note: Stacking is not supported on the 7520-48YE -8CE model or when
running Fabric Engine (VOSS)).
Management
The 7720 can be managed by ExtremeCloud IQ and ExtremeCloud IQ-Site
Engine for comprehensive unified management with a consolidated view
of users, devices and applications across wired and wireless networks.
Zero-touch provisioning from ExtremeCloud IQ lets one quickly bring new
7720 switches online as well as enable the selection of the operating
system (OS) persona. Alternatively, 7720 on-box management can be done
manually via a web-based GUI or generic CLI.
www.extremenetworks.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com