Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XN-2P-RKMT299 Datasheet(PDF) 3 Page - Extreme Networks.

Part # XN-2P-RKMT299
Description  Universal Aggregation/Core Switch Platform
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

XN-2P-RKMT299 Datasheet(HTML) 3 Page - Extreme Networks.

  XN-2P-RKMT299 Datasheet HTML 1Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 2Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 3Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 4Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 5Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 6Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 7Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 8Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Switch Specifications - 7720 (32 x 100Gb)
Ports
32 x QSFP+QSFP28 40Gb/100Gb ports
124 x 10G/25G ports using break-out cables
1 x Serial console port RJ-45
2 x 10/100/1000BASE-T out-of-band management port (only the first port is used for out-of-band management)
USB Type A storage port
Power Supplies
Modular 800W AC power supply (up to 2 PSUs)
Modular 800W DC power supply (up to 2 PSUs)
Front-Back and Back-Front airflow options
Fan Tray
6 fan modules, support one fan redundancy
Front-Back and Back-Front airflow options
Dimensions
17.3in W/22.44in D/1.7in H (44.0cm/57.0cm/4.3cm)
Weight
16.3 lb (7.4 kg) no PSU/19.9 lb (9.0 kg) with two PSUs
Performance
Line rate 6.4 Tbps Switching Capacity (3.2 Tbps ingress, 3.2 Tbps egress)
Forwarding Rate: 2000 Mpps
Typical Latency: 800 ns
CPU/Memory
8-core Processor
16GB DDR4 ECC memory
128GB SSD memory
Packet Buffers
32MB
Operating Conditions
Environmental Operating Temperature
Front-to-back:
0°C (32°F) to 50°C (124°F) at sea level
0°C (32°F) to 45°C (113°F) up to 1800 m (6000ft)
0°C (32°F) to 40°C (104°F), up to 3000m (10000 ft)
Back-to-front:
0°C (32°F) to 45°C (113°F) at sea level
0°C (32°F) to 40°C (104°F) up to 1800 m (6000ft)
0°C (32°F) to 35°C (95°F) up to 3000m (10000 ft)
 
 
 
 
 
 
 
 
www.extremenetworks.com
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com