Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XN-DCPWR-750W-R Datasheet(PDF) 1 Page - Extreme Networks.

Part # XN-DCPWR-750W-R
Description  Next Generation Secure Data Center and Mobile Edge Spine Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

XN-DCPWR-750W-R Datasheet(HTML) 1 Page - Extreme Networks.

  XN-DCPWR-750W-R Datasheet HTML 1Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 2Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 3Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 4Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 5Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 6Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Highlights
• High-performance feature-rich, Fixed
Form Factor Switch for Service Provider
and Data Center
• Compact 1U form factor for reduced
power and footprint
• Ability to deliver 100GbE to 4 x 25 GbE
or 40GbE to 4 x 10 GbE using breakout
cable
• Supply chain, boot, and runtime
protection with Measured Boot
• Baseboard Management Controller
(BMC) for lights-out management
(LOM) for remote operations such as
reboots, shutdowns, and out of band
troubleshooting
• Redundant management port
• Supports Integrated Application
Hosting to enable organizations to
deploy Extreme-provided or third-party
applications and tools directly on the
switch
• Non-blocking, wire-speed switching
architecture
• Offers a choice of AC/DC power supplies
and F/R fans
• ExtremeCloud Orchestrator leverages
Integrated Application Hosting and
enables plug-n-play IP fabrics
for infrastructure provisioning and
configuration of all tenant services
across the entire fabric at no additional
cost
• Full featured SLX operating system with
advanced features supporting switching,
IP Fabrics, BGP- EVPN and VXLAN
Next Generation Secure Data Center and Mobile Edge Spine
Switch
The Extreme 8720 is a high performance, feature-rich, and purpose built 10/25/40/100
GbE network hardware platform built for uncompromising performance in enterprise
data centers and for mobile operators delivering critical 5G micro data center and
multi-access edge compute (MEC) environments.
As part of Extreme’s Trusted Delivery initiative, the Extreme 8000 Series of Universal
switches introduce powerful security enhancements with a combination of Secure
Boot technology, enhanced by an industry-first Measured Boot implementation.
Measured Boot extends the security posture of the system into the execution of the
operating system itself for greater protection against threats.
The Extreme 8720 network hardware platform enables organizations to design open
networks that accommodate a variety of applications and east-west traffic patterns.
With its high-density scale-out architecture, leading power efficiency, and airflow
options, the 8720 platform delivers a cost-effective solution that optimizes power,
cooling, and data center space, wherever your center of data might be.
Data Sheet
Extreme 8720
www.extremenetworks.com
1


Similar Part No. - XN-DCPWR-750W-R

ManufacturerPart #DatasheetDescription
logo
Extreme Networks.
XN-DCPWR-750W-R EXTREMENETWORKS-XN-DCPWR-750W-R Datasheet
177Kb / 7P
High-performance 10/25 Gigabit Aggregation Switch
XN-DCPWR-750W-R EXTREMENETWORKS-XN-DCPWR-750W-R Datasheet
182Kb / 7P
Next Generation Secure Data Center and Mobile Edge Leaf Switches
30oct23
XN-DCPWR-750W-R EXTREMENETWORKS-XN-DCPWR-750W-R Datasheet
229Kb / 9P
High-Performance Fabric-Enabled Core and Aggregation Switches
24jun24
More results

Similar Description - XN-DCPWR-750W-R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXF4222 INFINEON-PXF4222 Datasheet
155Kb / 2P
Interworking Controller Next Generation
2003
SLE66CL80P INFINEON-SLE66CL80P Datasheet
172Kb / 10P
Secure Mobile Solutions - Security
2004-04-01
SLE66R35 INFINEON-SLE66R35 Datasheet
102Kb / 6P
Secure Mobile Solutions
2003-08-07
SLE6636 INFINEON-SLE6636 Datasheet
158Kb / 7P
Secure Mobile Solutions
2003-08-05
logo
STMicroelectronics
STN8810 STMICROELECTRONICS-STN8810 Datasheet
126Kb / 5P
Trio of Nomadik application processors bring multimedia to next-generation mobile devices
Rev. 1
logo
WJ Communication. Inc.
WJM3000 WJCI-WJM3000 Datasheet
681Kb / 7P
Next Generation RFID Reader Module
logo
Infineon Technologies A...
TLE7368 INFINEON-TLE7368 Datasheet
965Kb / 39P
Next Generation Micro Controller Supply
Rev. 1.1, November 2007
TLE7368 INFINEON-TLE7368_10 Datasheet
1Mb / 41P
Next Generation Micro Controller Supply
Rev. 2.1, 2010-11-22
logo
List of Unclassifed Man...
114-106077 ETC2-114-106077 Datasheet
280Kb / 2P
Crimping Next Generation
XCC123456P03A ETC2-XCC123456P03A Datasheet
1Mb / 13P
next generation power source
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com