Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XN-DCPWR-750W-R Datasheet(PDF) 3 Page - Extreme Networks.

Part # XN-DCPWR-750W-R
Description  Next Generation Secure Data Center and Mobile Edge Spine Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

XN-DCPWR-750W-R Datasheet(HTML) 3 Page - Extreme Networks.

  XN-DCPWR-750W-R Datasheet HTML 1Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 2Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 3Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 4Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 5Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 6Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
8720 Switch Specifications
8720 (32 x 100 GbE)
Ports
32 x QSFP+/QSFP28 40GbE/100GbE ports
128 x 25/10 GbE using break-out cables
1 x Serial console port RJ-45
2 x 10/100/1000BASE-T out-of-band management port
Micro-USB Type A storage port
Power Supplies
Modular 750W AC power supply (up to 2 PSUs)
Modular 750W DC power supply (up to 2 PSUs)
Front-Back and Back-Front airflow options
Fan Tray
6 fan modules, support one fan redundancy
Front-Back and Back-Front airflow options
Dimensions
17.3 in W/22.4 in D/1.7 in H (44 cm/57.0 cm/4.3cm)
Weight
16.3 lb (7.4 kg) with no PSU / 19.9 lb (9.0 kg) with two PSUs
Performance
Line rate 6.4 Tbps Switching Capacity (3.2 Tbps ingress, 3.2 Tbps egress)
Forwarding Rate: 2000 Mpps
Typical Latency: 800 ns
CPU/Memory
8 Core Processor
16 GB DDR4 ECC memory
128 GB SSD memory
Packet Buffers
32MB
Operating Conditions
Operating Temperature – Front-to-back:
0°C (32°F) to 50°C (122°F) at sea level
0°C (32°F) to 45°C (113°F) up to 1800 m (6000 ft)
0°C (32°F) to 40°C (104°F) up to 1800 m (6000 ft), up to 3000 m (10000 ft)
Operating Temperature – Back-to-front:
0°C (32°F) to 45°C (113°F) at sea level
0°C (32°F) to 40°C (104°F) up to 1800 m (6000 ft)
0°C (32°F) to 35°C (95°F) up to 1800 m (6000 ft), up to 3000 m (10000 ft)
Power and Heat Dissipation
Switch Model
Minimum Heat Dissipation
(BTU/hr) (Idle, no ports linked)
Minimum Power
Consumption (Watts) (Idle,
no ports linked)
Maximum Heat Dissipation
(BTU/hr) (Fans high, all ports 100%
traffic)
Maximum Power
Consumption (Watts) (Fans
high, all ports 100% traffic)
8720-32C-AC-F
8720-32C-AC-R
972 BTU/hr
285W
1340 BTU/hr
393W
8720-32C-DC-F
8720-32C-DC-R
975 BTU/hr
286W
1381 BTU/hr
405W
www.extremenetworks.com
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com