Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIO-DD05120-RPSMA Datasheet(PDF) 3 Page - Extreme Networks.

Part # AIO-DD05120-RPSMA
Description  Wi-Fi 6E Dual-Radio Indoor Access Point With Integrated or External Antenna Options
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

AIO-DD05120-RPSMA Datasheet(HTML) 3 Page - Extreme Networks.

  AIO-DD05120-RPSMA Datasheet HTML 1Page - Extreme Networks. AIO-DD05120-RPSMA Datasheet HTML 2Page - Extreme Networks. AIO-DD05120-RPSMA Datasheet HTML 3Page - Extreme Networks. AIO-DD05120-RPSMA Datasheet HTML 4Page - Extreme Networks. AIO-DD05120-RPSMA Datasheet HTML 5Page - Extreme Networks. AIO-DD05120-RPSMA Datasheet HTML 6Page - Extreme Networks. AIO-DD05120-RPSMA Datasheet HTML 7Page - Extreme Networks. AIO-DD05120-RPSMA Datasheet HTML 8Page - Extreme Networks. AIO-DD05120-RPSMA Datasheet HTML 9Page - Extreme Networks. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Wi-Fi 6E Enhanced Capacity
By utilizing the additional 6 GHz spectrum offered by Wi-Fi 6E, the AP3000/X operates up to three times as much spectrum as previous
generations of Wi-Fi to deliver enhanced wireless experiences, faster speeds, and less interference.
Band
Number of 20 MHz Channels
Maximum Channel Size
Maximum throughput
6 GHz
59
160 MHz
2.4 Gbps
5 GHz
25
160 MHz
2.4 Gbps
2.4 GHz
3
20 MHz
287 Mbps
Note: For US regulatory environments (20 MHz channels)
Product Specifications
Radio Specifications
Max Users
SSID per Radio/Total: 16/32
Users per Radio/total: 512/1024
802.11a
5.150–5.850 GHz Operating Frequency
Orthogonal Frequency Division Multiplexing (OFDM) Modulation
Rates (Mbps): 54, 48, 36, 24, 18, 12, 9, 6 w/auto fallback
802.11b
2.4–2.5 GHz Operating Frequency
Direct-Sequence Spread-Spectrum (DSSS) Modulation
Rates (Mbps): 11, 5.5, 2, 1 w/auto fallback
802.11g
2.4–2.5 GHz Operating Frequency
Orthogonal Frequency Division Multiplexing (OFDM) Modulation
Rates (Mbps): 54, 48, 36, 24, 18, 12, 9, 6 w/auto fallback
802.11n
2.4–2.5 GHz and 5.150–5.850 GHz Operating Frequency
802.11n Modulation
HT 20 High-Throughput (HT) Support (for both 2.4 GHz and 5 GHz)
HT 40 High-Throughput (HT) Support for 5 GHz
A-MPDU and A-MSDU Frame Aggregation
Rates (Mbps): MCS0 – MCS15 (6.5MBps - 300Mbps)
 
 
 
802.11ac
5.150–5.850 GHz Operating Frequency
802.11ac Modulation (256-QAM)
5G: 2x2 Multiple-In, Multiple-Out (MIMO) Radio
2.4G: 2x2 Multiple-In, Multiple-Out (MIMO) Radio
Rates (Mbps): MCS0–MCS9 (6.5Mbps), 1734Mbps, NSS = 1-2.
2x2:2 Stream Multiple-In, Multiple-Out (MIMO) Radio
VHT20/VHT40/VHT80 support
TxBF (Transmit Beamforming)
802.11ax
2.4-2.5GHz, 5.15-5.850 GHz and 5.925-7.125 GHz Operating Frequencies
802.11ax Modulation (1024-QAM)
Dual-band OFDMA
6G Rate: HE0-HE11 (8 Mbps – 2400 Mbps)
5G Rate : HE0-HE11 (8 Mbps – 1200 Mbps)
2.4G Rate: HE0-HE11 (8 Mbps – 573.3 Mbps)
2x2:2 Stream Multiple-In, Multiple-Out (MIMO) Radio @ 6 GHz
2x2:2 Stream Multiple-In, Multiple-Out (MIMO) Radio @ 5 GHz
2x2:2 Stream Multiple-In, Multiple-Out (MIMO) Radio @ 2.4 GHz
HE20/HE40/HE80/HE160 support for 6 GHz
HE20/HE40/HE80 support for 5 GHz
HE20/HE40 support for 2.4 GHz
DL SU-MIMO and MU-MIMO
TxBF (Transmit Beamforming)
IoT Radio
Thread, Bluetooth® 5.2 Low Energy, IEEE 802.15.4
Interfaces
Eth0 is 2.5/1GE with Power over Ethernet (PoE)
Eth1 is 1GE/100
Power Options
Typical Power Draw: 12.5W (w/o USB): 15.3W (w/ USB)
Max Power Draw: 13.9W (w/o USB), 17W (w/ USB)
www.extremenetworks.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com