Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIO-DD05120-RPSMA Datasheet(PDF) 5 Page - Extreme Networks.

Part # AIO-DD05120-RPSMA
Description  Wi-Fi 6E Dual-Radio Indoor Access Point With Integrated or External Antenna Options
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

AIO-DD05120-RPSMA Datasheet(HTML) 5 Page - Extreme Networks.

  AIO-DD05120-RPSMA Datasheet HTML 1Page - Extreme Networks. AIO-DD05120-RPSMA Datasheet HTML 2Page - Extreme Networks. AIO-DD05120-RPSMA Datasheet HTML 3Page - Extreme Networks. AIO-DD05120-RPSMA Datasheet HTML 4Page - Extreme Networks. AIO-DD05120-RPSMA Datasheet HTML 5Page - Extreme Networks. AIO-DD05120-RPSMA Datasheet HTML 6Page - Extreme Networks. AIO-DD05120-RPSMA Datasheet HTML 7Page - Extreme Networks. AIO-DD05120-RPSMA Datasheet HTML 8Page - Extreme Networks. AIO-DD05120-RPSMA Datasheet HTML 9Page - Extreme Networks. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Ordering Information
Product SKU
Description
AP3000-WW
Indoor Dual Radio Wi-Fi 6E AP, 2.4 GHz and 5 GHz or 5GHz and 6GHz, Multirate Port, Internal antennas. IoT Radio. Includes
AH-ACC-BKT-AX-TB mounting bracket. Domain: World SKU
AP3000X-WW
Indoor Dual Radio Wi-Fi 6E AP, 2.4 GHz and 5 GHz or 5GHz and 6GHz, Multirate Port, External antennas. IoT Radio. Includes
AH-ACC-BKT-AX-TB mounting bracket, 2 integral 6 GHz and 2 AI-DS0305360-RPSMA antennas. Domain:World SKU
AP3000-IL
Indoor Dual Radio Wi-Fi 6E AP, 2.4 GHz and 6 GHz or 5 GHz and 6 GHz or 2.4 GHz and 5 GHz, Multirate Port, Internal antennas.
Inc Mt (AH-ACC-BKT-AX-TB). Domain: Israel
AP3000-TN
Indoor Dual Radio Wi-Fi 6E AP, 2.4 GHz and 6 GHz or 5 GHz and 6 GHz or 2.4 GHz and 5 GHz, Multirate Port, Internal antennas.
Inc Mt (AH-ACC-BKT-AX-TB). Domain: Tunisia
AP3000X-IL
Indoor Dual Radio WiFi 6E AP, 2.4 GHz and 6 GHz or 5 GHz and 6 GHz or 2.4 GHz and 5 GHz Multi-rate Port, External antennas.
Inc Mt (AH-ACC-BKT-AX-TB). Domain: Israel
Note: AP3000-TN does not support the WiNG Distributed operating system.
Mounting Accessories
Product SKU
Description
AH-ACC-BKT-AX-TB
Mounting bracket for prelude 15/16" and suprafine 9/16" ceilings and walls
Ships with AP3000/X Can be used for wall - .25"
AH-ACC-BKT-AX-WL
Mounting bracket for direct-to-wall installations
Can be used for wall - 1.25"
AH-ACC-BKT-AX-IL
Mounting bracket for interlude ceilings
AH-ACC-BKT-AX-SL
Mounting bracket for Armstrong 1/8" and 1/4" main beam silhouette reveal
ceiling grids
Up to .33" ceiling tile protrusion
ACC-BKT-AX-JB
Junction box or wall mounting for indoor access points
Gang/Junction Box
ACC-BKT-AX-BEAM
Beam mounting for indoor access points Up to 0.78" thick beam.
ACC-BKT-AX-TBW
Cloud AP Bracket for 1.5 inch wide T-bars varying in thickness from 3.175
mm to 6.35 mm
AH-ACC-BKT-916-KIT
9/16" ceiling mount brackets for Non-Flat/Protruded ceiling tiles - Use with
AH-ACC-BKT-AX-TB
9/16" Non-Flat/Protruded ceiling tiles
ACC-BKT-TB-NF
Adapter bracket AH-ACC-BKT-TB for 15/16" Wide T-Bars Non-Flat/ Protruded
ceiling tiles Non-Flat/Protruded ceiling tiles
5/16" Wide T-Bars Non-Flat/Protruded ceiling tiles
ACC-BKT-AX-
WNGADAPT
Adapter bracket for Cloud AP to WiNG Mounting Plate (#37201). 10 pack
Allow twist mount to mount to legacy mounts
See the Product Accessories Guide for more details.
Power Accessories
Product SKU
Description
PD-9001GR-ENT
Single Port 802.3at Compliant Midspan
10033
Power Cord, 10A,CEE 7/7,IEC320-C13,250V, 0.75MMSQ (for EU and Korea)
10034
Power Cord, 10A,BS1363, IEC320-C13, 250V, 0.75MMSQ (for UK)
www.extremenetworks.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com