Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K240XS-R009-P2AT Datasheet(PDF) 4 Page - KG Technologies, Inc.

Part # K240XS-R009-P2AT
Description  200A POWER LATCHING RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KG [KG Technologies, Inc.]
Direct Link  https://kgtechnologies.net/
Logo KG - KG Technologies, Inc.

K240XS-R009-P2AT Datasheet(HTML) 4 Page - KG Technologies, Inc.

  K240XS-R009-P2AT Datasheet HTML 1Page - KG Technologies, Inc. K240XS-R009-P2AT Datasheet HTML 2Page - KG Technologies, Inc. K240XS-R009-P2AT Datasheet HTML 3Page - KG Technologies, Inc. K240XS-R009-P2AT Datasheet HTML 4Page - KG Technologies, Inc. K240XS-R009-P2AT Datasheet HTML 5Page - KG Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
KG Technologies Inc.
Phone: +1.888.513.1874
Email: info@kgtechnologies.net
Web: www.kgtechnologies.net
K240_EN Rev 1.0
Dimensional Drawings
(Unit: mm)
K240B FORM 2A & 2B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com