Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K240XS-R009-P2AT Datasheet(PDF) 5 Page - KG Technologies, Inc.

Part # K240XS-R009-P2AT
Description  200A POWER LATCHING RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KG [KG Technologies, Inc.]
Direct Link  https://kgtechnologies.net/
Logo KG - KG Technologies, Inc.

K240XS-R009-P2AT Datasheet(HTML) 5 Page - KG Technologies, Inc.

  K240XS-R009-P2AT Datasheet HTML 1Page - KG Technologies, Inc. K240XS-R009-P2AT Datasheet HTML 2Page - KG Technologies, Inc. K240XS-R009-P2AT Datasheet HTML 3Page - KG Technologies, Inc. K240XS-R009-P2AT Datasheet HTML 4Page - KG Technologies, Inc. K240XS-R009-P2AT Datasheet HTML 5Page - KG Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
KG Technologies Inc.
Phone: +1.888.513.1874
Email: info@kgtechnologies.net
Web: www.kgtechnologies.net
K240_EN Rev 1.0
Wiring Diagrams
Single Coil
Dual Coil
Positive Polarity
Negative Polarity
Disclaimer: This datasheet is for reference only. All specifications are subject to change without prior notice.
KG Technologies, Inc. cannot predict every possible application for our relays. While we do our best to make our relays
as versatile as possible, we highly recommend contacting our engineering team if you have any questions.
KG Technologies, Inc. is not responsible for malfunctioning relays when operated outside the specified parameters given
in this datasheet.
Application Notes
1. It is possible that during transit or final assembly the relay could change state. Therefore, it is recommended that
all relays be set to the desired state via a power supply.
2. In order to maintain an “Open” or “Closed” state of the relay, the coil voltage should reach the rated voltage. The
pulse width should be 50ms minimum to ensure a proper change of state. DO NOT energize both T1 and T3 at
the same time on a Dual Coil or energize the coil for longer than 1 minute (damage to the coil could occur).
3. Moving or bending the terminals can cause damage to the internal structure of the relay and should be avoided.
4. For definitions of terms used in this data sheet, see glossary at https://kgtechnologies.net/



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com