Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K240AS-R012-P2AT Datasheet(PDF) 1 Page - KG Technologies, Inc.

Part # K240AS-R012-P2AT
Description  200A POWER LATCHING RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KG [KG Technologies, Inc.]
Direct Link  https://kgtechnologies.net/
Logo KG - KG Technologies, Inc.

K240AS-R012-P2AT Datasheet(HTML) 1 Page - KG Technologies, Inc.

  K240AS-R012-P2AT Datasheet HTML 1Page - KG Technologies, Inc. K240AS-R012-P2AT Datasheet HTML 2Page - KG Technologies, Inc. K240AS-R012-P2AT Datasheet HTML 3Page - KG Technologies, Inc. K240AS-R012-P2AT Datasheet HTML 4Page - KG Technologies, Inc. K240AS-R012-P2AT Datasheet HTML 5Page - KG Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KG Technologies Inc.
Phone: +1.888.513.1874
Email: info@kgtechnologies.net
Web: www.kgtechnologies.net
K240_EN Rev 1.0
K240
200A POWER LATCHING RELAY
•
200A switching capability
•
ANSI C12.1 compliant:
Carrying: 12kA / 66.7ms; 7kA / 100ms
•
4kV dielectric strength
•
Switching power up to 48.0kVA
•
Outline dimensions: (73.3 x 74.8 x 29.5)mm
•
RoHS compliant
•
Tin plating of terminals is available
Contact Data
Characteristics
Contact form
2A, 2B
Insulation resistance
1,000MΩ (at 500Vdc)
Contact resistance *
0.25mΩ max (@ 200A)
Dielectric strength:
Contact material
AgSnO2
Coil to contact
4kVac for 1 min.
Contact rating †
200A @ 240Vac
10kV / 1.2 / 50µs
Max. switching voltage 265Vac
Across open contacts 2kVac for 1min.
Max. switching current
200A
Creepage distance
9.6 mm
Max. switching power
48,00VA ‡ / 5,600W §
Ambient temperature
-40°C to +85°C
Set time
≤ 20 ms
Ambient humidity
5% - 85% RH
Reset time
≤ 20 ms
Vibration
1.5 mm (DA) 10 Hz to 55 Hz
Electrical endurance
6,000 cycles **
Shock resistance:
Mechanical endurance 100,000 cycles
Functional ††
98 m/s2
Construction
Dust protected
Destructive
980 m/s2
Coil termination
PCB
Unit weight
±400g
* Typical value for Initial Contact Resistance: Using a sample quantity of at least 20 units, take the average value from 5 continuous
measurements from each sample
† Load at which the relay can pass ANSI C12.1 (Applies to 240Vac rating only)
‡ AC Rating
§ DC Rating @ 28Vdc
** Electrical endurance at 240Vac / 200A; Power Factor: 1.0
†† Unit may change state but is still functional


Similar Part No. - K240AS-R012-P2AT

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
K240 KNOX-K240 Datasheet
34Kb / 1P
LOW LEVEL ZENER DIODES VERY LOW VOLTAGE, LOW LEAKAGE
logo
List of Unclassifed Man...
K240 ETC1-K240 Datasheet
101Kb / 2P
Silicon Bilateral Voltage Triggered Switch
logo
Dongguan City Niuhang E...
K240 NIUHANG-K240 Datasheet
2Mb / 3P
HIGH VOLTAGE BIDIRECTIONAL TRIGGER DIODE
logo
Shanghai Leiditech Elec...
K2400 LEIDITECH-K2400 Datasheet
644Kb / 6P
High voltage lamp ignitors
K2400 LEIDITECH-K2400 Datasheet
1Mb / 2P
Silicon Bilateral Voltage Triggered Switch
More results

Similar Description - K240AS-R012-P2AT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF8509 ETC1-HF8509 Datasheet
105Kb / 2P
HIGH POWER LATCHING RELAY
logo
Nais(Matsushita Electri...
ADQ13Q04H NAIS-ADQ13Q04H Datasheet
70Kb / 3P
30A POWER LATCHING RELAY
logo
Hongfa Technology
JE12 HONGFA-JE12 Datasheet
94Kb / 4P
HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25 Datasheet
65Kb / 3P
HIGH POWER LATCHING RELAY
HFE17 HONGFA-HFE17_15 Datasheet
54Kb / 3P
HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25_15 Datasheet
59Kb / 3P
HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
72Kb / 3P
HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
71Kb / 3P
HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
HIGH POWER LATCHING RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com