Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LS490 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN54LS490
Description  DUAL 4-BIT DECADE COUNTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LS490 Datasheet(HTML) 6 Page - Texas Instruments

  SN54LS490 Datasheet HTML 1Page - Texas Instruments SN54LS490 Datasheet HTML 2Page - Texas Instruments SN54LS490 Datasheet HTML 3Page - Texas Instruments SN54LS490 Datasheet HTML 4Page - Texas Instruments SN54LS490 Datasheet HTML 5Page - Texas Instruments SN54LS490 Datasheet HTML 6Page - Texas Instruments SN54LS490 Datasheet HTML 7Page - Texas Instruments SN54LS490 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SN54LS490, SN74LS490
DUAL 4-BIT DECADE COUNTERS
SDLS125A – OCTOBER 1976 – REVISED JULY 1998
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
SN74LS490
SN74LS490
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
VIK
Input clamp voltage
VCC = MIN,
II = –18 mA
–1.5
–1.5
V
VOH
High-level output voltage
VCC = MIN, VIH = 2 V,
VIL = VILmax
2.5
3.4
2.7
3.4
V
VOL
Low level output voltage
VCC = MIN,
VIH 2V
IOL = 4 mA
0.25
0.4
0.25
0.4
V
VOL
Low-level output voltage
VIH = 2 V,
VIL = VILmax
IOL = 8 mA
0.35
0.5
V
II
Input current
at maximum
CLR, SET9
VCC = MAX,
VI = 7 V
0.1
0.1
mA
II
at maximum
input voltage
CLK
VCC = MAX,
VI = 5.5 V
0.2
0.2
mA
IIH
High-level
CLR, SET9
VCC = MAX
VI =2 7V
20
20
µA
IIH
g
input current
CLK
VCC = MAX,
VI = 2.7 V
100
100
µA
IIL
Low-level
CLR, SET9
VCC = MAX
VI =0 4V
–0.4
–0.4
mA
IIL
input current
CLK
VCC = MAX,
VI = 0.4 V
–1.6
–1.6
mA
IOS§
Short-circuit output current
VCC = MAX
–20
–100
–20
–100
mA
ICC
Supply current
VCC = MAX,
See Note 3
15
26
15
26
mA
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ Not more than one output should be shorted at a time, and duration of the short circuit should not exceed one second.
NOTE 3: ICC is measured with all outputs open, both CLR inputs grounded following momentary connection to 4.5 V, and all other inputs
grounded.
switching characteristics, VCC = 5 V, TA = 25°C (see Figures 1 and 2)
PARAMETER
FROM
TO
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fmax
CLK
QA
CL = 15 pF,
RL = 2 kΩ
25
35
MHz
tPLH
CLK
QA
CL =15 pF
RL =2kΩ
12
20
ns
tPHL
CLK
QA
CL = 15 pF,
RL = 2 kΩ
13
20
ns
tPLH
CLK
QB QD
CL =15 pF
RL =2kΩ
24
39
ns
tPHL
CLK
QB, QD
CL = 15 pF,
RL = 2 kΩ
26
39
ns
tPLH
CLK
QC
CL =15 pF
RL =2kΩ
32
54
ns
tPHL
CLK
QC
CL = 15 pF,
RL = 2 kΩ
36
54
ns
tPHL
CLR
Any
CL = 15 pF,
RL = 2 kΩ
24
39
ns
tPLH
SET9
QA, QD
CL =15 pF
RL =2kΩ
24
39
ns
tPHL
SET9
QB, QC
CL = 15 pF,
RL = 2 kΩ
20
36
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com