Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LS490 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN54LS490
Description  DUAL 4-BIT DECADE COUNTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LS490 Datasheet(HTML) 7 Page - Texas Instruments

  SN54LS490 Datasheet HTML 1Page - Texas Instruments SN54LS490 Datasheet HTML 2Page - Texas Instruments SN54LS490 Datasheet HTML 3Page - Texas Instruments SN54LS490 Datasheet HTML 4Page - Texas Instruments SN54LS490 Datasheet HTML 5Page - Texas Instruments SN54LS490 Datasheet HTML 6Page - Texas Instruments SN54LS490 Datasheet HTML 7Page - Texas Instruments SN54LS490 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SN54LS490, SN74LS490
DUAL 4-BIT DECADE COUNTERS
SDLS125A – OCTOBER 1976 – REVISED JULY 1998
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
SET9
1.3 V
1.3 V
1.3 V
1.3 V
CLR
CLK
QA
QD
QC
QB
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
tsu
tsu
tw(clock)
3 V
0 V
3 V
0 V
3 V
0 V
VOH
VOL
VOH
VOL
VOH
VOL
tPLH
(Measure at
tn + 1)
tPLH
tPHL
tPHL
(Measure at
tn + 2)
tPHL
tPHL
tPHL
tPLH
(Measure at
tn + 2)
tPHL
(Measure at
tn + 4)
tPHL
tPHL
tPHL
tPLH
(Measure at
tn + 4)
tPLH
(Measure at
tn + 8)
tPLH
tPHL
tPHL
tPHL
(Measure at
tn + 8)
tPHL
(Measure at
tn + 10)
NOTE A: Input pulses are supplied by a generator having the following characteristics: tr ≤ 15 ns, tf ≤ 6 ns, PRR ≤ 1 MHz, duty cycle = 50%,
ZO ≈ 50 Ω.
VOH
VOL
Figure 1. Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com