Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS490 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LS490
Description  DUAL 4-BIT DECADE COUNTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS490 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LS490 Datasheet HTML 1Page - Texas Instruments SN74LS490 Datasheet HTML 2Page - Texas Instruments SN74LS490 Datasheet HTML 3Page - Texas Instruments SN74LS490 Datasheet HTML 4Page - Texas Instruments SN74LS490 Datasheet HTML 5Page - Texas Instruments SN74LS490 Datasheet HTML 6Page - Texas Instruments SN74LS490 Datasheet HTML 7Page - Texas Instruments SN74LS490 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SN54LS490, SN74LS490
DUAL 4-BIT DECADE COUNTERS
SDLS125A – OCTOBER 1976 – REVISED JULY 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Dual Versions of the SN54LS90 and
SN74LS90 Counters
D Individual Clock, Direct Clear, and Set-to-9
Inputs for Each Decade Counter
D Dual Counters Can Significantly Improve
System Densities as Package Count Can
Be Reduced by 50%
D Maximum Count Frequency of
25 MHz . . . 35 MHz Typical
D Buffered Outputs Reduce Possibility of
Collector Commutation
D Package Options Include Plastic
Small-Outline (D) Packages, Ceramic Flat
(W) Packages, Ceramic Chip Carriers (FK),
and Standard Plastic (N) and Ceramic (J)
DIPs
description
Each of these monolithic circuits contains eight
master-slave flip-flops and additional gating to
implement two individual 4-bit decade counters in
a single package. Each decade counter has
individual clock (1CLK, 2CLK), clear (1CLR,
2CLR), and set-to-9 (1SET9, 2SET9) inputs. BCD
count
sequences
of
any
length
up
to
divide-by-100 can be implemented with a single
’LS490 device. Buffering on each output is
provided to significantly reduce susceptibility to
collector commutation. All inputs are diode
clamped to reduce the effects of line ringing. The
counters have parallel outputs from each counter
stage so that submultiples of the input count
frequency are available for system timing signals.
The SN54LS490 is characterized for operation over the full military temperature range of –55
°C to 125°C.
The SN74LS490 is characterized for use in industrial systems operating from 0
°C to 70°C.
CLEAR/SET-TO-9 FUNCTION TABLE
(each counter)
INPUTS
OUTPUTS
CLR
SET9
QA
QB
QC
QD
H
L
L
L
L
L
L
HH
LL
H
L
L
Count
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1CLK
1CLR
1QA
1SET9
1QB
1QC
1QD
GND
VCC
2CLK
2CLR
2QA
2SET9
2QB
2QC
2QD
SN54LS490 ...J OR W PACKAGE
SN74LS490 ...D OR N PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
2CLR
2QA
NC
2SET9
2QB
1QA
1SET9
NC
1QB
1QC
SN54LS490 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - SN74LS490

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN74LS490 MOTOROLA-SN74LS490 Datasheet
161Kb / 5P
DUAL DECADE COUNTER
SN74LS490D MOTOROLA-SN74LS490D Datasheet
161Kb / 5P
DUAL DECADE COUNTER
SN74LS490N MOTOROLA-SN74LS490N Datasheet
161Kb / 5P
DUAL DECADE COUNTER
More results

Similar Description - SN74LS490

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS160A MOTOROLA-SN54LS160A Datasheet
157Kb / 6P
BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
ON Semiconductor
SN54-74LS160A ONSEMI-SN54-74LS160A Datasheet
79Kb / 6P
BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Texas Instruments
SN54390 TI-SN54390 Datasheet
893Kb / 21P
DUAL 4-BIT DECADE AND BINARY COUNTERS
logo
Hitachi Semiconductor
HD74HC490 HITACHI-HD74HC490 Datasheet
44Kb / 8P
Dual 4-bit Decade Counters
logo
Texas Instruments
SN74LS68 TI-SN74LS68 Datasheet
426Kb / 7P
DUAL 4 BIT DECADE OR BINARY COUNTERS
logo
National Semiconductor ...
DM74ALS390 NSC-DM74ALS390 Datasheet
106Kb / 6P
Dual 4-Bit Decade Counters
logo
Motorola, Inc
SN74LS160A MOTOROLA-SN74LS160A Datasheet
83Kb / 6P
BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Texas Instruments
SN54390 TI-SN54390_08 Datasheet
1Mb / 31P
DUAL 4-BIT DECADE AND BINARY COUNTERS
logo
Renesas Technology Corp
HD74HC490 RENESAS-HD74HC490 Datasheet
160Kb / 8P
Dual 4-bit Decade Counters
logo
Texas Instruments
SN54390 TI1-SN54390_15 Datasheet
1Mb / 28P
DUAL 4-BIT DECADE AND BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com