Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AS30DR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AS30DR
Description  8-INPUT POSITIVE-NAND GATES
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS30DR Datasheet(HTML) 2 Page - Texas Instruments

  SN74AS30DR Datasheet HTML 1Page - Texas Instruments SN74AS30DR Datasheet HTML 2Page - Texas Instruments SN74AS30DR Datasheet HTML 3Page - Texas Instruments SN74AS30DR Datasheet HTML 4Page - Texas Instruments SN74AS30DR Datasheet HTML 5Page - Texas Instruments SN74AS30DR Datasheet HTML 6Page - Texas Instruments SN74AS30DR Datasheet HTML 7Page - Texas Instruments SN74AS30DR Datasheet HTML 8Page - Texas Instruments SN74AS30DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
SN54ALS30A, SN54AS30, SN74ALS30A, SN74AS30
8-INPUT POSITIVE-NAND GATES
SDAS010C – MARCH 1984 – REVISED NOVEMBER 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
FUNCTION TABLE
INPUTS
A–H
OUTPUT
Y
All inputs H
L
One or more inputs L
H
logic symbol†
Y
8
1
A
2
B
3
C
4
D
5
E
6
F
11
G
12
H
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
Pin numbers shown are for the D, DB, J, and N packages.
logic diagram (positive logic)
Y
8
1
A
2
B
3
C
4
D
5
E
6
F
11
G
12
H
Pin numbers shown are for the D, DB, J, and N packages.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)‡
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 1): D package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DB package
96
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
80
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The package thermal impedance is calculated in accordance with JESD 51-7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com