Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AS30DR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AS30DR
Description  8-INPUT POSITIVE-NAND GATES
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS30DR Datasheet(HTML) 3 Page - Texas Instruments

  SN74AS30DR Datasheet HTML 1Page - Texas Instruments SN74AS30DR Datasheet HTML 2Page - Texas Instruments SN74AS30DR Datasheet HTML 3Page - Texas Instruments SN74AS30DR Datasheet HTML 4Page - Texas Instruments SN74AS30DR Datasheet HTML 5Page - Texas Instruments SN74AS30DR Datasheet HTML 6Page - Texas Instruments SN74AS30DR Datasheet HTML 7Page - Texas Instruments SN74AS30DR Datasheet HTML 8Page - Texas Instruments SN74AS30DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
SN54ALS30A, SN54AS30, SN74ALS30A, SN74AS30
8-INPUT POSITIVE-NAND GATES
SDAS010C – MARCH 1984 – REVISED NOVEMBER 2000
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low level input voltage
0.8†
V
VIL
Low-level input voltage
0.7‡
V
IOH
High level output current
’ALS30A
–0.4
mA
IOH
High-level output current
’AS30
–2
mA
SN54ALS30A
4
IOL
Low-level output current
SN74ALS30A
8
mA
’AS30
20
SN54ALS30A
–55
125
TA
Operating free air temperature
SN54AS30
–55
125
°C
TA
Operating free-air temperature
SN74ALS30A
0
70
°C
SN74AS30
0
70
† Applies to the ’AS30 and SN74ALS30A across the full operating temperature range, and SN54ALS30A over the temperature range of
–55
°C to 70°C.
‡ Applies to the SN54ALS30A over the temperature range of 70
°C to 125°C.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP§
MAX
UNIT
VIK
VCC =4 5V
II =18 mA
’ALS30A
–1.5
V
VIK
VCC = 4.5 V,
II = –18 mA
’AS30
–1.2
V
VOH
VCC =4 5Vto5 5V
IOH = –0.4 mA
’ALS30A
VCC–2
V
VOH
VCC = 4.5 V to 5.5 V
IOH = –2 mA
’AS30
VCC–2
V
IOL = 4 mA
’ALS30A
0.25
0.4
VOL
VCC = 4.5 V
IOL = 8 mA
SN74ALS30A
0.35
0.5
V
IOL = 20 mA
’AS30
0.35
0.5
II
VCC = 5.5 V,
VI = 7 V
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
VCC =5 5V
VI =0 4V
’ALS30A
–0.1
mA
IIL
VCC = 5.5 V,
VI = 0.4 V
’AS30
–0.5
mA
SN54ALS30A
–20
–112
IO¶
VCC = 5.5 V,
VO = 2.25 V
SN74ALS30A
–30
–112
mA
’AS30
–30
–112
ICCH
VCC =5 5V
VI =0
’ALS30A
0.22
0.36
mA
ICCH
VCC = 5.5 V,
VI = 0
’AS30
0.9
1.5
mA
ICCL
VCC =5 5V
VI =4 5V
’ALS30A
0.54
0.9
mA
ICCL
VCC = 5.5 V,
VI = 4.5 V
’AS30
3
4.9
mA
§ All typical values are at VCC = 5 V, TA = 25°C.
¶ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com