Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2M56Z Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # 2M56Z
Description  2.0 Watts Glass Passivated Junction Silicon Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

2M56Z Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  2M56Z Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 2M56Z Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 2M56Z Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 2M56Z Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (Ratings at TA=25OC ambient temperature unless otherwise specified).
Nominal
Zener Voltage
Test
Maximum
Surge Current
Device
Vz @ Izt
Current
Zener
@ TA=25
℃
Voltage
IZT
ZZT @ IZT
ZZK @ IZK
IZK
Current
ir - mA
(Notes 2)
(mA)
(Ohms)
(Ohms)
mA
IR(uA)
VR(V)
IZM (mA)
2M11Z
11
45.5
4.0
700
0.25
1.0
8.4
166
1.82
2M12Z
12
41.5
4.5
700
0.25
1.0
9.1
152
1.66
2M13Z
13
38.5
5.0
700
0.25
0.5
9.9
138
1.54
2M14Z
14
35.7
5.5
700
0.25
0.5
10.6
130
1.43
2M15Z
15
33.4
7.0
700
0.25
0.5
11.4
122
1.33
2M16Z
16
31.2
8.0
700
0.25
0.5
12.2
114
1.25
2M17Z
17
29.4
9.0
750
0.25
0.5
13.0
107
1.18
2M18Z
18
27.8
10
750
0.25
0.5
13.7
100
1.11
2M19Z
19
26.3
11
750
0.25
0.5
14.4
95
1.05
2M20Z
20
25.0
11
750
0.25
0.5
15.2
90
1.00
2M22Z
22
22.8
12
750
0.25
0.5
16.7
82
0.91
2M24Z
24
20.8
13
750
0.25
0.5
18.2
76
0.83
2M27Z
27
18.5
18
750
0.25
0.5
20.6
68
0.74
2M30Z
30
16.6
20
1000
0.25
0.5
22.5
60
0.67
2M33Z
33
15.1
23
1000
0.25
0.5
25.1
55
0.61
2M36Z
36
13.9
25
1000
0.25
0.5
27.4
50
0.56
2M39Z
39
12.8
30
1000
0.25
0.5
29.7
47
0.51
2M43Z
43
11.6
35
1500
0.25
0.5
32.7
43
0.45
2M47Z
47
10.6
40
1500
0.25
0.5
35.8
39
0.42
2M51Z
51
9.8
48
1500
0.25
0.5
38.8
36
0.39
2M56Z
56
9.0
55
2000
0.25
0.5
42.6
32
0.36
2M62Z
62
8.1
60
2000
0.25
0.5
47.1
29
0.32
2M68Z
68
7.4
75
2000
0.25
0.5
51.7
27
0.29
2M75Z
75
6.7
90
2000
0.25
0.5
56
24
0.27
2M82Z
82
6.1
100
3000
0.25
0.5
62.2
22
0.24
2M91Z
91
5.5
125
3000
0.25
0.5
69.2
20
0.22
2M100Z
100
5.0
175
3000
0.25
0.5
76
18
0.20
2M110Z
110
4.5
250
4000
0.25
0.5
83.6
17
0.18
2M120Z
120
4.2
325
4500
0.25
0.5
91.2
15
0.16
2M130Z
130
3.8
400
5000
0.25
0.5
98.8
14
0.15
2M140Z
140
3.6
500
5500
0.25
0.5
106.4
13
0.14
2M150Z
150
3.3
575
6000
0.25
0.5
114
12
0.13
2M160Z
160
3.1
650
6500
0.25
0.5
121.6
11
0.12
2M170Z
170
2.9
675
7000
0.25
0.5
130.4
11
0.12
2M180Z
180
2.8
725
7000
0.25
0.5
136.8
10
0.11
2M190Z
190
2.6
825
8000
0.25
0.5
144.8
10
0.10
2M200Z
200
2.5
900
8000
0.25
0.5
152.0
9.0
0.10
Notes:
1. TOLERANCES - Suffix indicates 5% tolerance any other tolerance will be considered as a special device.
2. ZENER VOLTAGE (VZ) MEASUREMENT - guarantees the zener voltage when measured at 40 ms ± 10ms
from the diode body, and an ambient temperature of 25
℃ ( + 68℃, -2 ℃).
3. ZENER IMPEDANCE (ZZ) DERIVATION - The zener impedance is derived from the 60 cycle ac voltage,
which results when an an current having an rms falue equal to 10% of the dc zener current (IZT or IZK) is
superimposed on IZT or IZK.
4. SURGE CURRENT (Ir) NON_REPETITIVE - The rating listed in the electrical characteristics table is
maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine wave pulse
of 1/120 second duration superimposed on the test current, IZT, per JEDEC standards, however, actual
device capability is as described in Figure 3.
Leakage Current
Maximum Zener
Impedance (Note 3)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com