Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2M56Z Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # 2M56Z
Description  2.0 Watts Glass Passivated Junction Silicon Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

2M56Z Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  2M56Z Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 2M56Z Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 2M56Z Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 2M56Z Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RATINGS AND CHARACTERISTIC CURVES (2M11Z THRU 2M200Z)
FIG.1- TYPICAL THERMAL RESPONSEL
PW, PULSE WIDTH (ms)
0.01
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
500
1000
1
2
3
10
20
30
0.3
5
0.5
0.7
7
FIG.4- UNIT TO 12 VOLTS
V , ZENER VOLTAGE @I
(VOLTS)
ZZT
FIG.5- UNIT 10 TO 200 VOLTS
V , ZENER VOLTAGE @I
(VOLTS)
ZZT
3456789
10
11
12
8
7
6
5
4
3
2
1
0
-1
-2
-3
-4
-5
RANGE
RANGE
V@ I
ZZT
V@ I
ZZT
8
7
6
5
4
3
2
1
0
-1
-2
-3
-4
-5
FIG.2- MAXIMUM SURGE POWER
FIG.3- TYPICAL REVERSE LEAKAGE
500
100
150
250
10
20
50
40
RECTANGULAR NONREPETITIVE
WAVEFORM T = 25 C PRIOR TO
INITIAL PULSE
J
O
SINGLE PULSE
TJL =
JL(1)PPK
REPETITIVE PULSES
TJL =
JL(1,D)PPK
D=0.5
D=0.2
D=0.1
D=0.05
D=0.02
D=0.01
D=0
NOTE BELOW 0.1 SECOND.
THERMAL RESPONSE
CURVE IS APPLICABLE TO
ANY LEAD LENGTH (L)
PW, PULSE WIDTH (ms)
0.0001
0.0002
0.0003
0.0005
0.001
0.002
0.003
0.005
0.01
0.02
0.03
0.05
0.1
0.2
0.3
0.5
1
NORMAL V (VOLTS)
Z
100
120
140
160
180
200
020406080
12
5
10
20
50
100
200
500
1000
12
5
10
20
50
100
0.1
0.2
0.5
DUTY CYCLE, D=t1 t2
PPK
t2
t1
Version: A06



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com