Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP131 Datasheet(PDF) 2 Page - Power Innovations Ltd

Part # TIP131
Description  NPN SILICON POWER DARLINGTONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIP131 Datasheet(HTML) 2 Page - Power Innovations Ltd

  TIP131 Datasheet HTML 1Page - Power Innovations Ltd TIP131 Datasheet HTML 2Page - Power Innovations Ltd TIP131 Datasheet HTML 3Page - Power Innovations Ltd TIP131 Datasheet HTML 4Page - Power Innovations Ltd TIP131 Datasheet HTML 5Page - Power Innovations Ltd TIP131 Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TIP130, TIP131, TIP132
NPN SILICON POWER DARLINGTONS
2
JUNE 1973 - REVISED MARCH 1997
PRODUCT
INFORMATION
NOTES: 5. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%.
6. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
electrical characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-emitter
breakdown voltage
IC = 30 mA
IB = 0
(see Note 5)
TIP130
TIP131
TIP132
60
80
100
V
ICEO
Collector-emitter
cut-off current
VCE = 30 V
VCE = 40 V
VCE = 50 V
IB = 0
IB = 0
IB = 0
TIP130
TIP131
TIP132
0.5
0.5
0.5
mA
ICBO
Collector cut-off
current
VCB = 60 V
VCB = 80 V
VCB = 100 V
VCB = 60 V
VCB = 80 V
VCB = 100 V
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
TC = 100°C
TC = 100°C
TC = 100°C
TIP130
TIP131
TIP132
TIP130
TIP131
TIP132
0.2
0.2
0.2
1
1
1
mA
IEBO
Emitter cut-off
current
VEB =
5 V
IC = 0
5
mA
hFE
Forward current
transfer ratio
VCE =
4 V
VCE =
4 V
IC = 1 A
IC = 4 A
(see Notes 5 and 6)
500
1000
15000
VCE(sat)
Collector-emitter
saturation voltage
IB =
16 mA
IB =
30 mA
IC = 4 A
IC = 6 A
(see Notes 5 and 6)
2
3
V
VBE
Base-emitter
voltage
VCE =
4 V
IC = 4 A
(see Notes 5 and 6)
2.5
V
Cobo
Output capacitance
VCB = 10 V
IE = 0
200
pF
VEC
Parallel diode
forward voltage
IE =
8 A
IB = 0
(see Notes 5 and 6)
3.5
V
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Junction to case thermal resistance
1.78
°C/W
RθJA
Junction to free air thermal resistance
62.5
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com