Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP131 Datasheet(PDF) 3 Page - Power Innovations Ltd

Part # TIP131
Description  NPN SILICON POWER DARLINGTONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIP131 Datasheet(HTML) 3 Page - Power Innovations Ltd

  TIP131 Datasheet HTML 1Page - Power Innovations Ltd TIP131 Datasheet HTML 2Page - Power Innovations Ltd TIP131 Datasheet HTML 3Page - Power Innovations Ltd TIP131 Datasheet HTML 4Page - Power Innovations Ltd TIP131 Datasheet HTML 5Page - Power Innovations Ltd TIP131 Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
JUNE 1973 - REVISED MARCH 1997
TIP130, TIP131, TIP132
NPN SILICON POWER DARLINGTONS
PRODUCT
INFORMATION
TYPICAL CHARACTERISTICS
Figure 1.
Figure 2.
Figure 3.
TYPICAL DC CURRENT GAIN
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·5
1·0
10
50000
100
1000
10000
TCS130AA
T
C = -40°C
T
C =
25°C
T
C = 100°C
V
CE =
4 V
t
p
= 300 µs, duty cycle < 2%
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·5
1·0
10
0·5
1·0
1·5
2·0
TCS130AB
T
C = -40°C
T
C =
25°C
T
C = 100°C
t
p
= 300 µs, duty cycle < 2%
I
B
= I
C / 100
BASE-EMITTER SATURATION VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·5
1·0
10
0·5
1·0
1·5
2·0
2·5
3·0
TCS130AC
T
C = -40°C
T
C =
25°C
T
C = 100°C
I
B
= I
C / 100
t
p
= 300 µs, duty cycle < 2%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com