Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP4N150 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP4N150
Description  N-channel 1500V - 5廓 - 4A - TO-220/TO-247 Very high PowerMESH??Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4N150 Datasheet(HTML) 1 Page - STMicroelectronics

  STP4N150 Datasheet HTML 1Page - STMicroelectronics STP4N150 Datasheet HTML 2Page - STMicroelectronics STP4N150 Datasheet HTML 3Page - STMicroelectronics STP4N150 Datasheet HTML 4Page - STMicroelectronics STP4N150 Datasheet HTML 5Page - STMicroelectronics STP4N150 Datasheet HTML 6Page - STMicroelectronics STP4N150 Datasheet HTML 7Page - STMicroelectronics STP4N150 Datasheet HTML 8Page - STMicroelectronics STP4N150 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
August 2006
Rev 4
1/14
14
STP4N150
STW4N150
N-channel 1500V - 5
Ω - 4A - TO-220/TO-247
Very high PowerMESH™ Power MOSFET
General features
Avalanche ruggedness
Gate charge minimized
Very low intrinsic capacitances
High speed switching
Description
Using the well consolidated high voltage MESH
OVERLAY™ process, STMicroelectronics has
designed an advanced family of Power MOSFETs
with outstanding performances. The strengthened
layout coupled with the Company’s proprietary
edge termination structure, gives the lowest
RDS(on) per area, unrivalled gate charge and
switching characteristics.
Applications
Switching application
Internal schematic diagram
Type
VDSS
(@Tjmax)
RDS(on)
ID
STP4N150
1500 V
< 7
4A
STW4N150
1500 V
< 7
4A
TO-220
TO-247
1
2
3
www.st.com
Order codes
Part number
Marking
Package
Packaging
STP4N150
P4N150
TO-220
Tube
STW4N150
W4N150
TO-247
Tube


Similar Part No. - STP4N150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP4N150 STMICROELECTRONICS-STP4N150 Datasheet
310Kb / 11P
N-CHANNEL 1500V - 5 - 4A TO-220/TO-247 Very High Voltage PowerMESH MOSFET
07-Jul-2005
STP4N150 STMICROELECTRONICS-STP4N150 Datasheet
459Kb / 16P
N-channel 1500 V - 5 廓 - 4 A - PowerMESH??Power MOSFET TO-220 - TO-220FH - TO-247 - TO-3PF
09-Apr-2008
STP4N150 STMICROELECTRONICS-STP4N150 Datasheet
762Kb / 15P
N-channel 1500 V, 5 Ω, 4 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
23-Jul-2009
logo
Inchange Semiconductor ...
STP4N150 ISC-STP4N150 Datasheet
332Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP4N150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP4NB30FP STMICROELECTRONICS-STP4NB30FP Datasheet
331Kb / 9P
N-CHANNEL 300V - 1.8ohm - 4A - TO-220/TO-220FP PowerMesh™ MOSFET
May-2001
STP4NB80 STMICROELECTRONICS-STP4NB80 Datasheet
354Kb / 9P
N - CHANNEL 800V - 3ohm - 4A - TO-220/TO-220FP PowerMESH MOSFET
Sep-2001
STP4N150 STMICROELECTRONICS-STP4N150 Datasheet
310Kb / 11P
N-CHANNEL 1500V - 5 - 4A TO-220/TO-247 Very High Voltage PowerMESH MOSFET
07-Jul-2005
STGP20NC60V STMICROELECTRONICS-STGP20NC60V Datasheet
293Kb / 11P
N-CHANNEL 30A - 600V - TO-220/TO-247 Very Fast PowerMESH IGBT
07-Jun-2004
STFV4N150 STMICROELECTRONICS-STFV4N150 Datasheet
244Kb / 10P
N-CHANNEL 1500V - 5-ohm - 4A TO-220FH Very High Voltage PowerMESH-TM MOSFET
07-Jul-2005
STW9N150 STMICROELECTRONICS-STW9N150 Datasheet
151Kb / 9P
N-channel 1500V - 2.2Ω - 8A - TO-247 Very high voltage PowerMESH??Power MOSFET
24-May-2007
STFV4N150 STMICROELECTRONICS-STFV4N150_07 Datasheet
249Kb / 13P
N-channel 1500V - 5廓 - 4A - TO-220FH Very high voltage PowerMESH??Power MOSFET
06-Mar-2007
STFV4N150 STMICROELECTRONICS-STFV4N150_08 Datasheet
459Kb / 16P
N-channel 1500 V - 5 廓 - 4 A - PowerMESH??Power MOSFET TO-220 - TO-220FH - TO-247 - TO-3PF
09-Apr-2008
STFW4N150 STMICROELECTRONICS-STFW4N150_09 Datasheet
762Kb / 15P
N-channel 1500 V, 5 Ω, 4 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
23-Jul-2009
STFW3N150 STMICROELECTRONICS-STFW3N150_10 Datasheet
765Kb / 15P
N-channel 1500 V, 6 Ω, 2.5 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
29-Jun-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com