Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP4N150 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP4N150
Description  N-channel 1500V - 5廓 - 4A - TO-220/TO-247 Very high PowerMESH??Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4N150 Datasheet(HTML) 4 Page - STMicroelectronics

  STP4N150 Datasheet HTML 1Page - STMicroelectronics STP4N150 Datasheet HTML 2Page - STMicroelectronics STP4N150 Datasheet HTML 3Page - STMicroelectronics STP4N150 Datasheet HTML 4Page - STMicroelectronics STP4N150 Datasheet HTML 5Page - STMicroelectronics STP4N150 Datasheet HTML 6Page - STMicroelectronics STP4N150 Datasheet HTML 7Page - STMicroelectronics STP4N150 Datasheet HTML 8Page - STMicroelectronics STP4N150 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STP4N150 - STW4N150
4/14
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown voltage
ID = 1 mA, VGS = 0
1500
V
IDSS
Zero gate voltage
Drain current (VGS = 0)
VDS = Max Rating
VDS = Max Rating, TC = 125°C
10
500
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 30 V
± 100
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
34
5
V
RDS(on
Static drain-source on
resistance
VGS = 10 V, ID = 2 A
57
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward transconductance
VDS = 30 V , ID = 2 A
3.5
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25 V, f = 1 MHz,
VGS = 0
1300
120
12
pF
pF
pF
Td(on)
Tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD = 750 V, ID = 2 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 18)
35
30
45
45
ns
ns
ns
ns
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 600 V, ID = 4 A,
VGS = 10 V
(see Figure 19)
30
10
9
50
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com