Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP29 Datasheet(PDF) 1 Page - Power Innovations Ltd

Part # TIP29
Description  NPN SILICON POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIP29 Datasheet(HTML) 1 Page - Power Innovations Ltd

  TIP29 Datasheet HTML 1Page - Power Innovations Ltd TIP29 Datasheet HTML 2Page - Power Innovations Ltd TIP29 Datasheet HTML 3Page - Power Innovations Ltd TIP29 Datasheet HTML 4Page - Power Innovations Ltd TIP29 Datasheet HTML 5Page - Power Innovations Ltd TIP29 Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TIP29, TIP29A, TIP29B, TIP29C
NPN SILICON POWER TRANSISTORS
PRODUCT
INFORMATION
1
JULY 1968 - REVISED MARCH 1997
Copyright © 1997, Power Innovations Limited, UK
Information is current as of publication date. Products conform to specifications in accordance
with the terms of Power Innovations standard warranty. Production processing does not
necessarily include testing of all parameters.
q
Designed for Complementary Use with the
TIP30 Series
q
30 W at 25°C Case Temperature
q
1 A Continuous Collector Current
q
3 A Peak Collector Current
q
Customer-Specified Selections Available
B
C
E
TO-220 PACKAGE
(TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
MDTRACA
1
2
3
absolute maximum ratings
at 25°C case temperature (unless otherwise noted)
NOTES: 1. This value applies for tp ≤ 0.3 ms, duty cycle ≤ 10%.
2. Derate linearly to 150°C case temperature at the rate of 0.24 W/°C.
3. Derate linearly to 150°C free air temperature at the rate of 16 mW/°C.
4. This rating is based on the capability of the transistor to operate safely in a circuit of: L = 20 mH, IB(on) = 0.4 A, RBE = 100 Ω,
VBE(off) = 0, RS = 0.1 Ω, VCC = 20 V.
RATING
SYMBOL
VALUE
UNIT
Collector-base voltage (IE = 0)
TIP29
TIP29A
TIP29B
TIP29C
VCBO
80
100
120
140
V
Collector-emitter voltage (IB = 0)
TIP29
TIP29A
TIP29B
TIP29C
VCEO
40
60
80
100
V
Emitter-base voltage
VEBO
5
V
Continuous collector current
IC
1
A
Peak collector current (see Note 1)
ICM
3
A
Continuous base current
IB
0.4
A
Continuous device dissipation at (or below) 25°C case temperature (see Note 2)
Ptot
30
W
Continuous device dissipation at (or below) 25°C free air temperature (see Note 3)
Ptot
2
W
Unclamped inductive load energy (see Note 4)
½LIC
2
32
mJ
Operating junction temperature range
Tj
-65 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
Lead temperature 3.2 mm from case for 10 seconds
TL
250
°C


Similar Part No. - TIP29

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP29 MOSPEC-TIP29 Datasheet
145Kb / 3P
POWER TRANSISTORS(1.0A,40-100V,30W)
logo
Transys Electronics
TIP29 TRSYS-TIP29 Datasheet
443Kb / 5P
NPN SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
TIP29 FAIRCHILD-TIP29 Datasheet
39Kb / 4P
Medium Power Linear Switching Applications
logo
Boca Semiconductor Corp...
TIP29 BOCA-TIP29 Datasheet
26Kb / 2P
General purpose Amplifier and Switching Applications
logo
Micro Electronics
TIP29 MICRO-ELECTRONICS-TIP29 Datasheet
56Kb / 1P
COMPLEMENTARY SILICON EPITAXIAL-BASE POWER TRANSISTORS
More results

Similar Description - TIP29

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com