Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP29 Datasheet(PDF) 2 Page - Power Innovations Ltd

Part # TIP29
Description  NPN SILICON POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIP29 Datasheet(HTML) 2 Page - Power Innovations Ltd

  TIP29 Datasheet HTML 1Page - Power Innovations Ltd TIP29 Datasheet HTML 2Page - Power Innovations Ltd TIP29 Datasheet HTML 3Page - Power Innovations Ltd TIP29 Datasheet HTML 4Page - Power Innovations Ltd TIP29 Datasheet HTML 5Page - Power Innovations Ltd TIP29 Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TIP29, TIP29A, TIP29B, TIP29C
NPN SILICON POWER TRANSISTORS
2
JULY 1968 - REVISED MARCH 1997
PRODUCT
INFORMATION
NOTES: 5. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%.
6. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
† Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
electrical characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-emitter
breakdown voltage
IC = 30 mA
(see Note 5)
IB = 0
TIP29
TIP29A
TIP29B
TIP29C
40
60
80
100
V
ICES
Collector-emitter
cut-off current
VCE = 80 V
VCE = 100 V
VCE = 120 V
VCE = 140 V
VBE = 0
VBE = 0
VBE = 0
VBE = 0
TIP29
TIP29A
TIP29B
TIP29C
0.2
0.2
0.2
0.2
mA
ICEO
Collector cut-off
current
VCE = 30 V
VCE = 60 V
IB = 0
IB = 0
TIP29/29A
TIP29B/29C
0.3
0.3
mA
IEBO
Emitter cut-off
current
VEB =
5 V
IC = 0
1
mA
hFE
Forward current
transfer ratio
VCE =
4 V
VCE =
4 V
IC = 0.2 A
IC =
1 A
(see Notes 5 and 6)
40
15
75
VCE(sat)
Collector-emitter
saturation voltage
IB = 125 mA
IC =
1 A
(see Notes 5 and 6)
0.7
V
VBE
Base-emitter
voltage
VCE =
4 V
IC =
1 A
(see Notes 5 and 6)
1.3
V
hfe
Small signal forward
current transfer ratio
VCE = 10 V
IC = 0.2 A
f = 1 kHz
20
|h
fe|
Small signal forward
current transfer ratio
VCE = 10 V
IC = 0.2 A
f = 1 MHz
3
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Junction to case thermal resistance
4.17
°C/W
RθJA
Junction to free air thermal resistance
62.5
°C/W
resistive-load-switching characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
†
MIN
TYP
MAX
UNIT
ton
Turn-on time
IC = 1 A
VBE(off) = -4.3 V
IB(on) = 0.1 A
RL = 30 Ω
IB(off) = -0.1 A
tp = 20 µs, dc ≤ 2%
0.5
µs
toff
Turn-off time
2
µs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com