Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BAS16
Description  Surface Mount Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS16 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAS16 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS16 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 841 -
RATINGS AND CHARACTERISTIC CURVES (BAS16 / MMBD4148 / MMBD914)
FIG.1- POWER DERATING CURVE
FIG.2- TYPICAL FWD CHARACTERISTICS
0
100
200
300
400
500
0
100
200
400
1000
1200
T , AMBIENT TEMPERATURE, ( C)
A
O
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
0.1
See Note 1
TJ = +150 C
O
TJ = +125 C
O
TJ = +75 C
O
TJ = +25 C
O
TJ = -25 C
O
600
800
10
100
1000
FIG.3- TYPICAL REVERSE CHARACTERISTICS
T , JUNCTION TEMPERATURE ( C)
j
O
V= 75V
R
V= 20V
R
0
50
100
150
200
0.0001
0.001
0.01
0.1
1
10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com