Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAS16
Description  Surface Mount Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS16 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAS16 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS16 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 840 -
0.020(0.51)
0.015(0.37)
0.055(1.40)
0.047(1.19)
0.098(2.50)
0.083(2.10)
0.024(0.61)
0.018(0.45)
0.007(0.178)
0.003(0.076)
0.024(0.61)
0.018(0.45)
0.080(2.05)
0.070(1.78)
0.041(1.05)
0.047(0.89)
0.120(3.05)
0.104(2.65)
0.006(0.15)
0.001(0.013)
0.043(1.10)
0.035(0.89)
BAS16/MMBD4148/MMBD914
Surface Mount Switching Diode
Voltage Range
75 Volts
350m Watts Power Dissipation
Features
Fast switching speed
Surface mount package ideally suited for
automatic insertion
For general purpose switching applications
High conductance
Mechanical Data
Case: SOT-23, Molded plastic
Terminals: Solderable per MIIL-STD-202,
Method 208
Polarity: See diagram
Marking: KA6, KA2, K5D
Weight: 0.008 gram (approx.
)
SOT-23
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Maximum Ratings
Type Number
Symbol
Value
Units
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current
IFM
300
mA
Average Rectifier Output Current
Io
200
mA
Non-Repetitive Peak Forward Surge Current
@ t=1.0uS
@ t=1.0S
IFSM
2.0
1.0
A
Power Dissipation (Note 1)
Pd
350
mW
Thermal Resistance Junction to Ambient Air
R
θJA
357
OC/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to + 150
OC
Electrical Characteristics
Type Number
Symbol
Min
Max
Units
Reverse Breakdown Voltage (Note 3) IR=100uA
V(BR)
75
V
Forward Voltage
IF=1.0mA
IF= 10mA
IF = 50mA
IF=150mA
VF
-
0.715
0.855
1.0
1.25
V
Peak Reverse Current
VR=75V
VR=75V, Tj=150
℃
VR=25V, TJ=150
℃
VR=20V
IR
-
1.0
50
30
25
uA
nA
Junction Capacitance VR=0, f=1.0MHz
Cj
-
2.0
pF
Reverse Recovery Time (Note 2)
trr
-
4.0
nS
Notes: 1. Device Mounted on Glass Epoxy PCB 1.6”x1.6”x0.06”, Mounting pad for the Cathode
Lead Min. 0.93 inches.
2. Reverse Recovery Test Conditions: IF=IR=10mA, Irr=0.1 x IR, RL=100
Ω.


Similar Part No. - BAS16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS16 PANJIT-BAS16 Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS16 PHILIPS-BAS16 Datasheet
55Kb / 12P
High-speed diode
1999 May 26
logo
Vishay Siliconix
BAS16 VISHAY-BAS16 Datasheet
53Kb / 4P
Silicon Epitaxial Planar Diode
01-Apr-99
logo
Transys Electronics
BAS16 TRSYS-BAS16 Datasheet
113Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAS16 WTE-BAS16 Datasheet
49Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAS16

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com