Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP30 Datasheet(PDF) 1 Page - Power Innovations Ltd

Part # TIP30
Description  PNP SILICON POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIP30 Datasheet(HTML) 1 Page - Power Innovations Ltd

  TIP30 Datasheet HTML 1Page - Power Innovations Ltd TIP30 Datasheet HTML 2Page - Power Innovations Ltd TIP30 Datasheet HTML 3Page - Power Innovations Ltd TIP30 Datasheet HTML 4Page - Power Innovations Ltd TIP30 Datasheet HTML 5Page - Power Innovations Ltd TIP30 Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TIP30, TIP30A,TIP30B, TIP30C
PNP SILICON POWER TRANSISTORS
PRODUCT
INFORMATION
1
JULY 1968 - REVISED MARCH 1997
Copyright © 1997, Power Innovations Limited, UK
Information is current as of publication date. Products conform to specifications in accordance
with the terms of Power Innovations standard warranty. Production processing does not
necessarily include testing of all parameters.
q
Designed for Complementary Use with the
TIP29 Series
q
30 W at 25°C Case Temperature
q
1 A Continuous Collector Current
q
3 A Peak Collector Current
q
Customer-Specified Selections Available
B
C
E
TO-220 PACKAGE
(TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
MDTRACA
1
2
3
absolute maximum ratings
at 25°C case temperature (unless otherwise noted)
NOTES: 1. This value applies for tp ≤ 0.3 ms, duty cycle ≤ 10%.
2. Derate linearly to 150°C case temperature at the rate of 0.24 W/°C.
3. Derate linearly to 150°C free air temperature at the rate of 16 mW/°C.
4. This rating is based on the capability of the transistor to operate safely in a circuit of: L = 20 mH, IB(on) = -0.4 A, RBE = 100 Ω,
VBE(off) = 0, RS = 0.1 Ω, VCC = -20 V.
RATING
SYMBOL
VALUE
UNIT
Collector-base voltage (IE = 0)
TIP30
TIP30A
TIP30B
TIP30C
VCBO
-80
-100
-120
-140
V
Collector-emitter voltage (IB = 0)
TIP30
TIP30A
TIP30B
TIP30C
VCEO
-40
-60
-80
-100
V
Emitter-base voltage
VEBO
-5
V
Continuous collector current
IC
-1
A
Peak collector current (see Note 1)
ICM
-3
A
Continuous base current
IB
-0.4
A
Continuous device dissipation at (or below) 25°C case temperature (see Note 2)
Ptot
30
W
Continuous device dissipation at (or below) 25°C free air temperature (see Note 3)
Ptot
2
W
Unclamped inductive load energy (see Note 4)
½LIC
2
32
mJ
Operating junction temperature range
Tj
-65 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
Lead temperature 3.2 mm from case for 10 seconds
TL
250
°C


Similar Part No. - TIP30

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP30 MOSPEC-TIP30 Datasheet
145Kb / 3P
POWER TRANSISTORS(1.0A,40-100V,30W)
logo
Fairchild Semiconductor
TIP30 FAIRCHILD-TIP30 Datasheet
37Kb / 4P
Medium Power Linear Switching Applications
logo
Micro Electronics
TIP30 MICRO-ELECTRONICS-TIP30 Datasheet
56Kb / 1P
COMPLEMENTARY SILICON EPITAXIAL-BASE POWER TRANSISTORS
logo
List of Unclassifed Man...
TIP30 ETC2-TIP30 Datasheet
335Kb / 6P
High Power Bipolar Transistor
logo
Savantic, Inc.
TIP30 SAVANTIC-TIP30 Datasheet
103Kb / 3P
Silicon PNP Power Transistors
More results

Similar Description - TIP30

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD244 BOURNS-BD244 Datasheet
106Kb / 5P
PNP SILICON POWER TRANSISTORS
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2SA1659 ETC-2SA1659 Datasheet
48Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
2SA1067 ISC-2SA1067 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA1094 ISC-2SA1094 Datasheet
181Kb / 3P
Silicon PNP Power Transistors
2SA636 ISC-2SA636 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
2SA1859 ISC-2SA1859 Datasheet
146Kb / 4P
Silicon PNP Power Transistors
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA971 ISC-2SA971 Datasheet
155Kb / 3P
Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com