Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP30 Datasheet(PDF) 4 Page - Power Innovations Ltd

Part # TIP30
Description  PNP SILICON POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIP30 Datasheet(HTML) 4 Page - Power Innovations Ltd

  TIP30 Datasheet HTML 1Page - Power Innovations Ltd TIP30 Datasheet HTML 2Page - Power Innovations Ltd TIP30 Datasheet HTML 3Page - Power Innovations Ltd TIP30 Datasheet HTML 4Page - Power Innovations Ltd TIP30 Datasheet HTML 5Page - Power Innovations Ltd TIP30 Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TIP30, TIP30A,TIP30B, TIP30C
PNP SILICON POWER TRANSISTORS
4
JULY 1968 - REVISED MARCH 1997
PRODUCT
INFORMATION
MAXIMUM SAFE OPERATING REGIONS
Figure 4.
THERMAL INFORMATION
Figure 5.
MAXIMUM FORWARD-BIAS
SAFE OPERATING AREA
V
CE - Collector-Emitter Voltage - V
-1·0
-10
-100
-1000
-0·01
-0·1
-1·0
-10
-100
SAS632AB
TIP30
TIP30A
TIP30B
TIP30C
t
p = 300 µs, d = 0.1 = 10%
t
p =
1 ms, d = 0.1 = 10%
t
p = 10 ms, d = 0.1 = 10%
DC Operation
MAXIMUM POWER DISSIPATION
vs
CASE TEMPERATURE
T
C - Case Temperature - °C
0
25
50
75
100
125
150
0
10
20
30
40
TIS631AB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com