Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMBTA64 Datasheet(PDF) 3 Page - Hi-Sincerity Mocroelectronics

Part # HMBTA64
Description  PNP SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HMBTA64 Datasheet(HTML) 3 Page - Hi-Sincerity Mocroelectronics

  HMBTA64 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HMBTA64 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HMBTA64 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HMBTA64 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6807
Issued Date : 1998.08.12
Revised Date : 2004.09.07
Page No. : 3/4
HMBTA64
HSMC Product Specification
SOT-23 Dimension
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC.
• HSMC reserves the right to make changes to its products without notice.
• HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
• Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C.
Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454
• Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C
Tel: 886-3-5983621~5 Fax: 886-3-5982931
H
J
K
D
A
L
G
V
C
B
3
2
1
S
DIM
Min.
Max.
A
2.80
3.04
B
1.20
1.60
C
0.89
1.30
D
0.30
0.50
G
1.70
2.30
H
0.013
0.10
J
0.085
0.177
K
0.32
0.67
L
0.85
1.15
S
2.10
2.75
V
0.25
0.65
*: Typical, Unit: mm
Marking:
Pb Free Mark
Pb-Free: " " (Note)
Normal: None
2V
Note: Pb-free product can distinguish by the green
label or the extra description on the right
side of the label.
Pin Style: 1.Base 2.Emitter 3.Collector
Material:
• Lead solder plating: Sn60/Pb40 (Normal),
Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free)
• Mold Compound: Epoxy resin family,
flammability solid burning class: UL94V-0
3-Lead SOT-23 Plastic
Surface Mounted Package
HSMC Package Code: N



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com