Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMBTA64 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HMBTA64
Description  PNP SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HMBTA64 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HMBTA64 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HMBTA64 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HMBTA64 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HMBTA64 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6807
Issued Date : 1998.08.12
Revised Date : 2004.09.07
Page No. : 1/4
HMBTA64
HSMC Product Specification
HMBTA64
PNP SILICON TRANSISTOR
Description
The HMBTA64 is designed for application requiring extremely high current gain at
collector current to 500mA.
Features
• High D.C. Current Gain
• For Complementary use with NPN Type HMBTA14
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature........................................................................................................................... -55 ~ +150
°C
Junction Temperature................................................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (T
A=25°C)............................................................................................................... 225 mW
• Maximum Voltages and Currents (T
A=25°C)
V
CBO Collector to Base Voltage .......................................................................................................................... -30 V
V
CES Collector to Emitter Voltage ....................................................................................................................... -30 V
V
EBO Emitter to Base Voltage ............................................................................................................................. -10 V
I
C Collector Current ...................................................................................................................................... -500 mA
Electrical Characteristics (T
A=25°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BV
CBO
-30
-
-
V
I
C=-100uA
BV
CES
-30
-
-
V
I
C=-100uA
BV
EBO
-10
-
-
V
I
E=-10uA
I
CBO
-
-
-100
nA
V
CB=-30V
I
EBO
-
-
-100
nA
V
EB=-10V
*V
CE(sat)
--
-1.5
V
I
C=-100mA, IB=-0.1mA
V
BE(on)
--
-2
V
I
C=-100mA, VCE=-5V
*h
FE1
10K
-
-
I
C=-10mA, VCE=-5V
*h
FE2
20K
-
-
I
C=-100mA, VCE=-5V
f
T
125
-
-
MHz
I
C=-100mA, VCE=-5V, f=100MHz
*Pulse Test: Pulse Width
≤380us, Duty Cycle≤2%
SOT-23


Similar Part No. - HMBTA64

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HMBTA06 HSMC-HMBTA06 Datasheet
29Kb / 3P
NPN SILICON TRANSISTOR
HMBTA13 HSMC-HMBTA13 Datasheet
31Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
HMBTA14 HSMC-HMBTA14 Datasheet
37Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
HMBTA42 HSMC-HMBTA42 Datasheet
39Kb / 4P
NPN EPITACIAL PLANAR TRANSISTOR
logo
GUANGDONG HOTTECH INDUS...
HMBTA42 HOTTECH-HMBTA42 Datasheet
416Kb / 4P
GENERAL PURPOSE TRANSISTOR
More results

Similar Description - HMBTA64

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS4250 ONSEMI-MPS4250 Datasheet
54Kb / 4P
Transistor(PNP Silicon)
1996
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
SILICON PNP TRANSISTOR
May-1997
BSS44 STMICROELECTRONICS-BSS44_00 Datasheet
47Kb / 4P
SILICON PNP TRANSISTOR
Dec-2000
logo
GTM CORPORATION
GBC556 GTM-GBC556 Datasheet
183Kb / 2P
PNP SILICON TRANSISTOR
logo
AUK corp
DP500P AUK-DP500P Datasheet
53Kb / 3P
PNP Silicon Transistor
SBC327 AUK-SBC327_1 Datasheet
87Kb / 3P
PNP Silicon Transistor
SBC557 AUK-SBC557_1 Datasheet
97Kb / 3P
PNP Silicon Transistor
SBT2907A AUK-SBT2907A_1 Datasheet
193Kb / 4P
PNP Silicon Transistor
SBT2907AUF AUK-SBT2907AUF_1 Datasheet
169Kb / 3P
PNP Silicon Transistor
SBT2907F AUK-SBT2907F_1 Datasheet
192Kb / 4P
PNP Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com