Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP47 Datasheet(PDF) 3 Page - Power Innovations Ltd

Part # TIP47
Description  NPN SILICON POWER TRANSISTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIP47 Datasheet(HTML) 3 Page - Power Innovations Ltd

  TIP47 Datasheet HTML 1Page - Power Innovations Ltd TIP47 Datasheet HTML 2Page - Power Innovations Ltd TIP47 Datasheet HTML 3Page - Power Innovations Ltd TIP47 Datasheet HTML 4Page - Power Innovations Ltd TIP47 Datasheet HTML 5Page - Power Innovations Ltd TIP47 Datasheet HTML 6Page - Power Innovations Ltd TIP47 Datasheet HTML 7Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
DECEMBER 1971 - REVISED MARCH 1997
TIP47, TIP48, TIP49, TIP50
NPN SILICON POWER TRANSISTORS
PRODUCT
INFORMATION
PARAMETER MEASUREMENT INFORMATION
Figure 1. Resistive-Load Switching Test Circuit
Figure 2. Resistive-Load Switching Waveforms
tp
F
µµ
100
V
1
680
F
µµ
V1
V cc = 250 V
+25 V
BD135
47
Ω
Ω
100
Ω
Ω
120
Ω
Ω
15
Ω
Ω
82
Ω
Ω
100
Ω
Ω
BD136
680
F
µµ
TUT
T
tp = 20 µs
Duty cycle = 1%
V1 = 15 V, Source Impedance = 50 Ω
VCC
0%
C
B
90%
10%
A
10%
90%
10%
90%
E
F
D
I B
IC
I
B(on)
I B(off)
0%
dIB
dt
≥ 2 A/µs
A - B = td
B - C = tr
E - F = tf
D - E = ts
A - C = ton
D - F = toff



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com