Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP47 Datasheet(PDF) 4 Page - Power Innovations Ltd

Part # TIP47
Description  NPN SILICON POWER TRANSISTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIP47 Datasheet(HTML) 4 Page - Power Innovations Ltd

  TIP47 Datasheet HTML 1Page - Power Innovations Ltd TIP47 Datasheet HTML 2Page - Power Innovations Ltd TIP47 Datasheet HTML 3Page - Power Innovations Ltd TIP47 Datasheet HTML 4Page - Power Innovations Ltd TIP47 Datasheet HTML 5Page - Power Innovations Ltd TIP47 Datasheet HTML 6Page - Power Innovations Ltd TIP47 Datasheet HTML 7Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TIP47, TIP48, TIP49, TIP50
NPN SILICON POWER TRANSISTORS
4
DECEMBER 1971 - REVISED MARCH 1997
PRODUCT
INFORMATION
TYPICAL CHARACTERISTICS
Figure 3.
Figure 4.
Figure 5.
TYPICAL DC CURRENT GAIN
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0.01
0.1
1
0
10
20
30
40
50
TCP770AA
V
CE = 10 V
T
C
= 25°C
t
p
= 300 µs, duty cycle < 2%
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·01
0·1
1
0
0·1
0·2
0·3
TCP770AB
I
C / IB = 5
T
C
= 25°C
t
p
= 300 µs, duty cycle < 2%
BASE-EMITTER SATURATION VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·01
0·1
1·0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
TCP770AC
V
CE = 10 V
T
C
= 25°C
t
p
= 300 µs, duty cycle < 2%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com