Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG772 Datasheet(PDF) 12 Page - Analog Devices

Part # ADG772
Description  CMOS Low Power Dual 2:1 Mux/Demux USB 2.0 (480 Mbps)/USB 1.1 (12 Mbps)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG772 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADG772 Datasheet HTML 4Page - Analog Devices ADG772 Datasheet HTML 5Page - Analog Devices ADG772 Datasheet HTML 6Page - Analog Devices ADG772 Datasheet HTML 7Page - Analog Devices ADG772 Datasheet HTML 8Page - Analog Devices ADG772 Datasheet HTML 9Page - Analog Devices ADG772 Datasheet HTML 10Page - Analog Devices ADG772 Datasheet HTML 11Page - Analog Devices ADG772 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ADG772
Rev. 0 | Page 12 of 12
OUTLINE DIMENSIONS
0.40
BSC
1
4
6
9
PIN 1
IDENTIFIER
TOP VIEW
BOTTOM VIEW
SEATING
PLANE
0.20 DIA
TYP
0.60
0.55
0.50
0.20 BSC
1.60
1.30
0.55
0.40
0.30
0.35
0.30
0.25
0.05 MAX
0.02 NOM
Figure 31. 10-Lead Mini Lead Frame Chip Scale Package (LFCSP_UQ)
1.30 mm × 1.60 mm Body, Ultra Thin Quad
(CP-10-10)
Dimensions shown in millimeters
*COMPLIANT TO JEDEC STANDARDS MO-220-VEED-1
EXCEPT FOR EXPOSED PAD DIMENSION.
1
0.50
BSC
0.60 MAX
PIN 1
INDICATOR
0.75
0.55
0.35
0.25 MIN
0.45
TOP
VIEW
12° MAX
0.80 MAX
0.65 TYP
PIN 1
INDICATOR
1.00
0.85
0.80
0.30
0.23
0.18
0.05 MAX
0.02 NOM
0.20 REF
*1.45
1.30 SQ
1.15
12
4
10
6
7
9
3
2.75
BSC SQ
3.00
BSC SQ
2
5
8
11
COPLANARITY
0.08
EXPOSED PAD
(BOTTOM VIEW)
SEATING
PLANE
Figure 32. 12-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
3 mm × 3 mm Body, Very Thin Quad
(CP-12-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
ADG772BCPZ-1REEL1
–40°C to +85°C
12-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-12-1
S2P
ADG772BCPZ-REEL1
–40°C to +85°C
10-Lead Mini Lead Frame Chip Scale Package (LFCSP_UQ)
CP-10-10
B
ADG772BCPZ-REEL71
–40°C to +85°C
10-Lead Mini Lead Frame Chip Scale Package (LFCSP_UQ)
CP-10-10
B
EVAL-ADG772EBZ1
–40°C to +85°C
Evaluation Board
1 Z = RoHS Compliant Part.
©2007 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D06692-0-8/07(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com