Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6AS201 Datasheet(PDF) 18 Page - Honeywell Solid State Electronics Center

Part # 6AS201
Description  MICRO SWITCH™ Premium Large Basic Switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

6AS201 Datasheet(HTML) 18 Page - Honeywell Solid State Electronics Center

Back Button 6AS201 Datasheet HTML 14Page - Honeywell Solid State Electronics Center 6AS201 Datasheet HTML 15Page - Honeywell Solid State Electronics Center 6AS201 Datasheet HTML 16Page - Honeywell Solid State Electronics Center 6AS201 Datasheet HTML 17Page - Honeywell Solid State Electronics Center 6AS201 Datasheet HTML 18Page - Honeywell Solid State Electronics Center 6AS201 Datasheet HTML 19Page - Honeywell Solid State Electronics Center 6AS201 Datasheet HTML 20Page - Honeywell Solid State Electronics Center 6AS201 Datasheet HTML 21Page - Honeywell Solid State Electronics Center 6AS201 Datasheet HTML 22Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
18 sensing.honeywell.com
BZ | BA | BM | BE | 6AS Series
OPERATING CHARACTERISTICS
Table 3. Operating Characteristics Definitions
Characteristic
Description
Differential Travel-DT
Plunger or actuator travel from point where contacts “snap-over” to point where they “snap-back.”
Free Position-FP
Position of switch plunger or actuator when no external force is applied.
Full Overtravel Force
Force required to attain full overtravel of actuator.
Operating Position-OP
Position of switch plunger or actuator at which point contacts snap from normal to operated position. With
flexible or adjustable actuators, the operating position is measured from the end of the lever or its maximum
length. Location of operating position measurement shown on mounting dimension drawings.
Operating Force-OF
Amount of force applied to switch plunger or actuator to cause the contact “snap-over.” Note in the case of
adjustable actuators, the force is measured from the maximum length position of the lever.
Overtravel-OT
Plunger or actuator travel safely available beyond operating position.
Pretravel-PT
Distance or angle traveled in moving plunger or actuator from free position to operating position.
Release Force-RF
Amount of force still applied to switch plunger or actuator at the moment contacts snap from operated position
to non-operated position.
Total Travel
Distance from actuator free position to overtravel limit position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com