Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6AS201 Datasheet(PDF) 16 Page - Honeywell Solid State Electronics Center

Part # 6AS201
Description  MICRO SWITCH™ Premium Large Basic Switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

6AS201 Datasheet(HTML) 16 Page - Honeywell Solid State Electronics Center

Back Button 6AS201 Datasheet HTML 12Page - Honeywell Solid State Electronics Center 6AS201 Datasheet HTML 13Page - Honeywell Solid State Electronics Center 6AS201 Datasheet HTML 14Page - Honeywell Solid State Electronics Center 6AS201 Datasheet HTML 15Page - Honeywell Solid State Electronics Center 6AS201 Datasheet HTML 16Page - Honeywell Solid State Electronics Center 6AS201 Datasheet HTML 17Page - Honeywell Solid State Electronics Center 6AS201 Datasheet HTML 18Page - Honeywell Solid State Electronics Center 6AS201 Datasheet HTML 19Page - Honeywell Solid State Electronics Center 6AS201 Datasheet HTML 20Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
16 sensing.honeywell.com
BZ | BA | BM | BE | 6AS Series
6AS SERIES - PREMIUM LARGE SNAP-ACTION TANDEM SWITCH ASSEMBLY
The MICRO SWITCH™ 6AS Series consists of two large premium BZ/BA/BM/BE snap-action
switches ganged together and actuated by a single actuator. Operating characteristics are
dependent upon the type of individual switches and actuators chosen. Field adjustable operat-
ing point on one or both basic switches. Solder, A2, and T-type terminations available, along
with straight, roller, and leaf levers. Mounting holes accept pins or screws of 3,53 mm [0.139 in]
diameter. Often used for boiler controls or anywhere two circuits need to be controlled by one
actuator.
O.F. • Operating force
R.F. • Release force
O.T. • Overtravel
D.T. • Differential travel
O.P. • Operating position
6AS SERIES ORDER GUIDE
Recommended
For
O.F.
N [oz]
R.F. min.
N [ oz]
O.T. min.
mm [in]
D.T.
mm [in]
O.P.*
mm [in]
6AS34
Centered lever. Adjustment
over switch D
15 A
A
30,56 mm
[1.203 in]
A2
2,22 [8]
0,14 [0.5]
0,51
[0.020]
2,77
[0.109]
29,77
[1.172]
6AS36
Lever over switch C.
Adjustment over switch D
15 A
A
30,56 mm
[1.203 in]
A2
2,22 [8]
0,14 [0.5]
0,51
[0.020]
2,77
[0.109]
29,77
[1.172]
6AS16
Centered lever. Adjustment
over switch D
20 A
G
30,56 mm
[1.203 in]
A2
3,89 [14]
1,11 [4]
1,02
[0.040]
3,96
[0.156]
30,96
±1,14
[1.219
±0.045]
6AS201
Lever over switch C.
No adjustment. Sealed
construction
15 A
A
26,67 mm
[1.05 in]
A2
and
D6
6,35 mm x
0,81 mm
[0.25 in x
0.32 in]
4,2 [15]
0,42 [1.5]
2,4
[0.094]
1,3
[0.050]
30,2
[1.188]
6AS5
Centered leaf. No adjust-
ment. Switches operate
within 0.030 in of each
other
15 A
A
38,38
[1.51]
A2
–
–
0,76 to
1,52
[0.030 to
0.060]
–
–
6AS28
Centered lever. Adjustment
over switch C
20 A
G
32,26
[1.27]
A2
3,89 [14]
1,11 [4]
1,02
[0.040]
–
18,67
[0.735]
* except where stated ±0,76 mm [±0.030 in]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com