Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4141 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW4141
Description  Single-coil dual-output step-down DC/DC converter for digital base band and multimedia processor supply
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4141 Datasheet(HTML) 1 Page - STMicroelectronics

  STW4141_06 Datasheet HTML 1Page - STMicroelectronics STW4141_06 Datasheet HTML 2Page - STMicroelectronics STW4141_06 Datasheet HTML 3Page - STMicroelectronics STW4141_06 Datasheet HTML 4Page - STMicroelectronics STW4141_06 Datasheet HTML 5Page - STMicroelectronics STW4141_06 Datasheet HTML 6Page - STMicroelectronics STW4141_06 Datasheet HTML 7Page - STMicroelectronics STW4141_06 Datasheet HTML 8Page - STMicroelectronics STW4141_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
June 2006
Rev 2
1/30
1
STw4141
Single-coil dual-output step-down DC/DC converter
for digital base band and multimedia processor supply
Features
■ Single coil dual output switching converter for
digital core supply & digital I/Os supply
– Digital I/O supply:VOUT1 @ 200 mA
– CPU CORE supply:VOUT2 @ 400 mA
■ Wide range of fixed output voltage
configurations available
■ High efficiency synchronous step down
converter with up to 92 % for the entire device
■ Size and cost optimized application board
(7x8 mm, height 1.2mm) three capacitors and
only one inductor necessary for both outputs
■ 2.7 V to 5.5 V battery input range
■ ±100mV output voltage accuracy full range in
PWM (Including Line and Load Transients)
■ 900 kHz fixed frequency PWM operation
■ PFM mode operation at light load current
■ PWM/PFM switch can be done automatically or
forced by setting external pins (AUTO and
MODE/SYNC)
■ MODE/SYNC input pin for external clock
synchronization from 600 kHz to 1.5 MHz
■ VSEL input pin for VOUT2/VOUT2(red.) selection
■ Ultra low shutdown current (Iq<1 µA)
■ Short circuit and thermal shutdown protections
Applications
■ Mobile phones
■ PDAs and hand held terminals
■ Portable media players
■ Digital still camera
■ WLAN and Bluetooth applications
Description
The STw4141 is a single coil dual output
synchronous step down DC/DC converter that
requires only four standard external components.
It operates at a fixed 900 kHz switching frequency
in PWM mode. The device can operate in PFM
mode to maintain high efficiency over the full
range of output currents.
The STw4141 application requires a very small
PCB area and offers a very efficient, accurate,
space and cost saving solution to fulfill the
requirements of digital baseband or multimedia
processor supply (CORE & I/O).
Application test circuit
TFBGA 3x3mm
16 bumps 0.5 mm pitch
Solution size
7 x 8 mm
VOUT1
FB1
V
OUT1=1.8V
C
OUT1
22 µF
6.3 V
VOUT2
FB2
V
OUT2=1.0V/1.2V
C
OUT2
22 µF
6.3 V
PVDD
V
IN=2.7V to 5.5V
C
IN
10 µF
6.3 V
PGND
VDD
EN
VLX1
VLX2
GND
MODE/SYNC
T_MODE
AUTO
L 4.7 µH
STw4141
VSEL
STATE
B1
D3
D4
C2
C3
C1
A4
D1
B4
D2
B2
A2
A3
A1
B3
C4
VOUT1
FB1
V
OUT1=1.8V
C
OUT1
22 µF
6.3 V
VOUT2
FB2
V
OUT2=1.0V/1.2V
C
OUT2
22 µF
6.3 V
PVDD
V
IN=2.7V to 5.5V
C
IN
10 µF
6.3 V
PGND
VDD
EN
VLX1
VLX2
GND
MODE/SYNC
T_MODE
AUTO
L 4.7 µH
STw4141
VSEL
STATE
B1
D3
D4
C2
C3
C1
A4
D1
B4
D2
B2
A2
A3
A1
B3
C4
www.st.com


Similar Part No. - STW4141_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW4141_0606 STMICROELECTRONICS-STW4141_0606 Datasheet
899Kb / 31P
Single-coil dual-output step-down DC/DC converter for digital base band and multimedia processor supply
09-Jun-2006
More results

Similar Description - STW4141_06

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1775 MAXIM-MAX1775 Datasheet
290Kb / 15P
Dual-Output Step-Down DC-DC Converter for PDA/Palmtop Computers
19-1811; Rev 1; 8/01
logo
National Semiconductor ...
LM2716 NSC-LM2716 Datasheet
563Kb / 17P
Dual (Step-up and Step-down) PWM DC/DC Converter
LM2717 NSC-LM2717 Datasheet
673Kb / 12P
Dual Step-down DC/DC Converter
logo
STMicroelectronics
STW4141 STMICROELECTRONICS-STW4141 Datasheet
554Kb / 27P
Single Coil Dual Output Step Down DC/DC Converter for Digital Base Band and Multimedia Processor Supply
08-Dec-2005
logo
National Semiconductor ...
LM2717-ADJ NSC-LM2717-ADJ Datasheet
812Kb / 16P
Dual Step-Down DC/DC Converter
LM2717 NSC-LM2717_08 Datasheet
324Kb / 14P
Dual Step-Down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ_08 Datasheet
395Kb / 16P
Dual Step-Down DC/DC Converter
logo
STMicroelectronics
STW4141_0606 STMICROELECTRONICS-STW4141_0606 Datasheet
899Kb / 31P
Single-coil dual-output step-down DC/DC converter for digital base band and multimedia processor supply
09-Jun-2006
logo
Maxim Integrated Produc...
MAX1775 MAXIM-MAX1775_09 Datasheet
258Kb / 16P
Dual-Output Step-Down DC-DC Converter for PDA/Palmtop Computers
Rev 2; 4/09
logo
Linear Technology
LTC3838EUHF LINER-LTC3838EUHF Datasheet
377Kb / 12P
High Efficiency Dual Output Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com