Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4141 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STW4141
Description  Single-coil dual-output step-down DC/DC converter for digital base band and multimedia processor supply
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4141 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STW4141_06 Datasheet HTML 13Page - STMicroelectronics STW4141_06 Datasheet HTML 14Page - STMicroelectronics STW4141_06 Datasheet HTML 15Page - STMicroelectronics STW4141_06 Datasheet HTML 16Page - STMicroelectronics STW4141_06 Datasheet HTML 17Page - STMicroelectronics STW4141_06 Datasheet HTML 18Page - STMicroelectronics STW4141_06 Datasheet HTML 19Page - STMicroelectronics STW4141_06 Datasheet HTML 20Page - STMicroelectronics STW4141_06 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
STw4141
Electrical characteristics
17/30
2.13
Output voltages versus output currents in PWM and PFM
Figure 11.
Output voltages versus output currents in PWM and PFM
1.770
1.780
1.790
1.800
1.810
1.820
1.830
1
10
100
1000
I
OUT1 (mA)
VIN = 3.6V
IOUT2 = 0 mA
IOUT2 = 200 mA
IOUT2 = 400 mA
VOUT1 VS IOUT1 @ IOUT1 - PWM mode
1.170
1.180
1.190
1.200
1.210
1.220
1.230
1
10
100
1000
IOUT2 (mA)
V
IN = 3.6V
IOUT1 = 0 mA
IOUT1 = 100 mA
I
OUT1 = 200 mA
VOUT2 VS IOUT2 @ IOUT1 - PWM mode
1.770
1.780
1.790
1.800
1.810
1.820
1.830
110
100
IOUT1 (mA)
VIN = 3.6V
IOUT2 = 0 mA
IOUT2 = 20 mA
I
OUT2 = 40 mA
VOUT1 VS IOUT1 @ IOUT2 - PFM mode
1.170
1.180
1.190
1.200
1.210
1.220
1.230
110
100
IOUT2 (mA)
VIN = 3.6V
IOUT1 = 0 mA
IOUT1 = 10 mA
I
OUT1 = 20 mA
VOUT2 VS IOUT2 @ IOUT1 - PFM mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com