Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW41411T Datasheet(PDF) 12 Page - STMicroelectronics

Part # STW41411T
Description  Single-coil dual-output step-down DC/DC converter for digital base band and multimedia processor supply
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW41411T Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STW41411T Datasheet HTML 8Page - STMicroelectronics STW41411T Datasheet HTML 9Page - STMicroelectronics STW41411T Datasheet HTML 10Page - STMicroelectronics STW41411T Datasheet HTML 11Page - STMicroelectronics STW41411T Datasheet HTML 12Page - STMicroelectronics STW41411T Datasheet HTML 13Page - STMicroelectronics STW41411T Datasheet HTML 14Page - STMicroelectronics STW41411T Datasheet HTML 15Page - STMicroelectronics STW41411T Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Electrical characteristics
STw4141
12/30
2.7
Line transients
Figure 4.
Line transient, VOUT1 = 1.8V @ 100mA, VOUT2 = 1.2V @ 100mA
2.8
Load transients in AUTO mode
Figure 5.
Load transient in AUTO mode VIN = 3.6V, VOUT1 = 1.8V, VOUT2 = 1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com