Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW41411T Datasheet(PDF) 5 Page - STMicroelectronics

Part # STW41411T
Description  Single-coil dual-output step-down DC/DC converter for digital base band and multimedia processor supply
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW41411T Datasheet(HTML) 5 Page - STMicroelectronics

  STW41411T Datasheet HTML 1Page - STMicroelectronics STW41411T Datasheet HTML 2Page - STMicroelectronics STW41411T Datasheet HTML 3Page - STMicroelectronics STW41411T Datasheet HTML 4Page - STMicroelectronics STW41411T Datasheet HTML 5Page - STMicroelectronics STW41411T Datasheet HTML 6Page - STMicroelectronics STW41411T Datasheet HTML 7Page - STMicroelectronics STW41411T Datasheet HTML 8Page - STMicroelectronics STW41411T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
STw4141
List of figures
5/30
List of figures
Figure 1.
Pin assignment in TFBGA 3x3 mm - 16 bumps 0.5 mm pitch . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 2.
Smooth start-up sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 3.
Settling time of VOUT2, IOUT1 = 200mA, IOUT2 = 400mA . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 4.
Line transient, VOUT1 = 1.8V @ 100mA, VOUT2 = 1.2V @ 100mA . . . . . . . . . . . . . . . . . 12
Figure 5.
Load transient in AUTO mode VIN = 3.6V, VOUT1 = 1.8V, VOUT2 = 1.2V . . . . . . . . . . . . 12
Figure 6.
Load transient in PWM mode, IOUT1 = 1mA to 200mA, IOUT2 = 1mA to 400mA. . . . . . . 13
Figure 7.
Switching between PFM to PWM - VIN = 3.6V, IOUT1 = 10mA, IOUT2 = 10mA. . . . . . . . 14
Figure 8.
Switching between PWM to PFM - VIN = 3.6V, IOUT1 = 10mA, IOUT2 = 10mA. . . . . . . . 14
Figure 9.
Switching regulator efficiency in PWM mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 10.
Switching regulator efficiency in auto mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 11.
Output voltages versus output currents in PWM and PFM . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 12.
Automatic PWM/PFM switch schematic example. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 13.
PWM/PFM forced mode schematic example . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 14.
Application using external clock synchronization . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 15.
Board layout track length and width . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 16.
Demoboard top layer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 17.
Demoboard assembled with 22 µF output capacitor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 18.
TFBGA16 ball pad spacing and track parameters to internal pads . . . . . . . . . . . . . . . . . . 24
Figure 19.
PCB routing example using TFBGA16 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 20.
TFBGA 3x3x1.20 16 F4x4 0.50 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com