Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW41412T Datasheet(PDF) 8 Page - STMicroelectronics

Part # STW41412T
Description  Single-coil dual-output step-down DC/DC converter for digital base band and multimedia processor supply
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW41412T Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STW41412T Datasheet HTML 4Page - STMicroelectronics STW41412T Datasheet HTML 5Page - STMicroelectronics STW41412T Datasheet HTML 6Page - STMicroelectronics STW41412T Datasheet HTML 7Page - STMicroelectronics STW41412T Datasheet HTML 8Page - STMicroelectronics STW41412T Datasheet HTML 9Page - STMicroelectronics STW41412T Datasheet HTML 10Page - STMicroelectronics STW41412T Datasheet HTML 11Page - STMicroelectronics STW41412T Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Electrical characteristics
STw4141
8/30
2
Electrical characteristics
2.1
Absolute maximum ratings
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied. All voltages are referenced to
GND.
2.2
Thermal data
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
PVDD
Power supply voltage
-0.3 to 6
V
VDD
Signal supply voltage
-0.3 to 6
V
VEN
Enable input
-0.3 to VDD
V
VSEL
Voltage selection
-0.3 to VDD
V
VMODE/SYNC Operating mode selection/synchronization input
-0.3 to VDD
V
VAUTO
PWM/PFM automatic switch selection
-0.3 to VDD
V
VT_MODE
Test mode selection
-0.3 to VDD
V
VSTATE
Operating mode information
-0.3 to VOUT1
V
VOUT1,FB1
Output voltage 1, feedback 1
-0.3 to 3.3
V
VOUT2, FB2
Output voltage 2, feedback 2
-0.3 to 3.3
V
VLX1
External inductor connection pin 1
-0.3 to VDD
V
VLX2
External inductor connection pin 2
-0.3 to 3.3
V
TA
Operating temperature range
-40 to 85
°C
TJ
Maximum operating junction temperature
150
°C
TSTG
Storage temperature range
-65 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal Resistance Junction-Ambient
TFBGA 3x3 mm – 16 bumps - 0.5 mm pitch
150
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com