Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW41412T Datasheet(PDF) 28 Page - STMicroelectronics

Part # STW41412T
Description  Single-coil dual-output step-down DC/DC converter for digital base band and multimedia processor supply
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW41412T Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STW41412T Datasheet HTML 22Page - STMicroelectronics STW41412T Datasheet HTML 23Page - STMicroelectronics STW41412T Datasheet HTML 24Page - STMicroelectronics STW41412T Datasheet HTML 25Page - STMicroelectronics STW41412T Datasheet HTML 26Page - STMicroelectronics STW41412T Datasheet HTML 27Page - STMicroelectronics STW41412T Datasheet HTML 28Page - STMicroelectronics STW41412T Datasheet HTML 29Page - STMicroelectronics STW41412T Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Ordering information
STw4141
28/30
6
Ordering information
Table 11.
STw4141 order codes
Part number
Package
Package
marking
Output voltage options(1)
Packing
V
OUT
1
(2)
(I/O)
V
OUT
2
(CORE)
V
OUT
2reduced
(CORE)
STw41411
TFBGA
3x3x1.2
16 balls
STA1
1.8 V
1.2 V
1.0 V
Tray
STw41411/T
STA1
1.8 V
1.2 V
1.0 V
Tape and reel
STw41412
STA2
1.8 V
1.3 V
1.0 V
Tray
STw41412/T
STA2
1.8 V
1.3 V
1.0 V
Tape and reel
STw41413
STA3
1.8 V
1.4 V
1.2 V
Tray
STw41413/T
STA3
1.8 V
1.4 V
1.2 V
Tape and reel
STw41414
STA4
1.8 V
1.5 V
1.3 V
Tray
STw41414/T
STA4
1.8 V
1.5 V
1.3 V
Tape and reel
STw41415
STA5
1.8 V
1.25 V
1.0 V
Tray
STw41415/T
STA5
1.8 V
1.25 V
1.0 V
Tape and reel
STw41416
STA6
1.8 V
1.35 V
1.0 V
Tray
STw41416/T
STA6
1.8 V
1.35 V
1.0 V
Tape and reel
STw41417
STA7
1.5 V
1.3 V
1.0 V
Tray
STw41417/T
STA7
1.5 V
1.3 V
1.0 V
Tape and reel
1.
The output configuration which will be introduced in production will be only those related to customer design-in.
2.
THIS CONDITION MUST BE ALWAYS VALID.
VOUT1
VOUT2
≥



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com