Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAR-1725-15VF-R2 Datasheet(PDF) 3 Page - Eravant

Part # SAR-1725-15VF-R2
Description  WR-15 Pyramidal Horn Antenna, 17 dBi Gain with 1.85 mm (V) Coax Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SAR-1725-15VF-R2 Datasheet(HTML) 3 Page - Eravant

  SAR-1725-15VF-R2 Datasheet HTML 1Page - Eravant SAR-1725-15VF-R2 Datasheet HTML 2Page - Eravant SAR-1725-15VF-R2 Datasheet HTML 3Page - Eravant SAR-1725-15VF-R2 Datasheet HTML 4Page - Eravant SAR-1725-15VF-R2 Datasheet HTML 5Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SAR-1725-15VF-R2 & SAR-1725-15VM-R2
Rev 1.2
www.eravant.com | 501 Amapola Avenue, Torrance, CA 90501
Phone: 424-757-0168 | Fax: 424-757-0188 | Email: support@eravant.com
WR-15 Pyramidal Horn Antenna, 17 dBi Gain with 1.85 mm (V) Coax Input
Page | 3
Copyright © 2023 by Eravant
-30
-25
-20
-15
-10
-5
0
5
10
15
20
-90
-75
-60
-45
-30
-15
0
15
30
45
60
75
90
Boresight Angle (Degrees)
Simulated Antenna Pattern @ 70 GHz
E-Plane
H-Plane
13
14
15
16
17
18
19
20
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
Frequency (GHz)
Simulated Gain vs. Frequency



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com