Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAR-1725-15VF-R2 Datasheet(PDF) 4 Page - Eravant

Part # SAR-1725-15VF-R2
Description  WR-15 Pyramidal Horn Antenna, 17 dBi Gain with 1.85 mm (V) Coax Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SAR-1725-15VF-R2 Datasheet(HTML) 4 Page - Eravant

  SAR-1725-15VF-R2 Datasheet HTML 1Page - Eravant SAR-1725-15VF-R2 Datasheet HTML 2Page - Eravant SAR-1725-15VF-R2 Datasheet HTML 3Page - Eravant SAR-1725-15VF-R2 Datasheet HTML 4Page - Eravant SAR-1725-15VF-R2 Datasheet HTML 5Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SAR-1725-15VF-R2 & SAR-1725-15VM-R2
Rev 1.2
www.eravant.com | 501 Amapola Avenue, Torrance, CA 90501
Phone: 424-757-0168 | Fax: 424-757-0188 | Email: support@eravant.com
WR-15 Pyramidal Horn Antenna, 17 dBi Gain with 1.85 mm (V) Coax Input
Page | 4
Copyright © 2023 by Eravant
Mechanical Outline: (Unless otherwise specified, all dimensions are in inches [millimeters])
-35
-30
-25
-20
-15
-10
-5
0
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
Frequency (GHz)
Typical Return Loss vs Frequency



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com