Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAR-2309-34KF-R2 Datasheet(PDF) 1 Page - Eravant

Part # SAR-2309-34KF-R2
Description  WR-34 Pyramidal Horn Antenna, 23 dBi Gain with 2.92 mm Coax Input
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SAR-2309-34KF-R2 Datasheet(HTML) 1 Page - Eravant

  SAR-2309-34KF-R2 Datasheet HTML 1Page - Eravant SAR-2309-34KF-R2 Datasheet HTML 2Page - Eravant SAR-2309-34KF-R2 Datasheet HTML 3Page - Eravant SAR-2309-34KF-R2 Datasheet HTML 4Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SAR-2309-34KF-R2 & SAR-2309-34KM-R2
Rev. 1.2
www.sagemillimeter.com | 3043 Kashiwa Street, Torrance, CA 90505
Phone: 424-757-0168 | Fax: 424-757-0188 | Email: sales@sagemillimeter.com
Page | 1
WR-34 Pyramidal Horn Antenna, 23 dBi Gain with 2.92 mm Coax Input
Copyright © 2017 by SAGE Millimeter, Inc.
Description:
Models SAR-2309-34KF-R2 and SAR-2309-34KM-R2 are
pyramidal horn antennas with right angle (90°) 2.92 mm coax
connectors to cover the frequency range of 22 GHz to 33 GHz.
The antennas offer 23 dBi nominal gain and a typical half
power beamwidth of 10 degrees on the E-plane and 11
degrees on the H-plane. The antennas support linear
polarized waveforms.
Features:
• Inline Configuration
• Linear Polarization
• DC Open Circuit at Input
Applications:
• Antenna Ranges
• Antenna Gain Measurements
• System Setups
Electrical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency
22 GHz
33 GHz
Gain
23 dBi
Polarization
Linear
3 dB Beamwidth, E-Plane
10°
3 dB Beamwidth, H-Plane
11°
Sidelobes, E-Plane
-14 dB
Sidelobes, H-Plane
-30 dB
Return Loss
20 dB
Power Handling
50 W (CW)
Specification Temperature
+25 °C
Operating Temperature
-45 °C
+85 °C
Mechanical Specifications:
Item
Specification
Antenna Port (F)
2.92 mm Female for Model Number : SAR-2309-34KF-R2
Antenna Port (M)
2.92 mm Male for Model Number : SAR-2309-34KM-R2
Size
6.85” (L) X 3.38” (W) X 2.60”(H)
Material
Aluminum
Connector Material
Stainless Steel
Finish
Gold Plated
Weight
2.2 Oz
Outline
AR-3C2-R


Similar Part No. - SAR-2309-34KF-R2

ManufacturerPart #DatasheetDescription
logo
Eravant
SAR-2309-34-S2 ERAVANT-SAR-2309-34-S2 Datasheet
304Kb / 5P
WR-34 Pyramidal Horn Antenna, 23 dBi Gain
Rev 1.3
More results

Similar Description - SAR-2309-34KF-R2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9850-10 PASTERNACK-PE9850-10 Datasheet
426Kb / 2P
STANDARD GAIN HORN WR-28
PE9850-20 PASTERNACK-PE9850-20 Datasheet
254Kb / 2P
STANDARD GAIN HORN WR-28
PE9851-10 PASTERNACK-PE9851-10 Datasheet
106Kb / 1P
STANDARD GAIN HORN WR-34
PE9851-15 PASTERNACK-PE9851-15 Datasheet
398Kb / 2P
STANDARD GAIN HORN WR-34
PE9851-20 PASTERNACK-PE9851-20 Datasheet
414Kb / 2P
STANDARD GAIN HORN WR-34
PE9851A-15 PASTERNACK-PE9851A-15 Datasheet
385Kb / 3P
WR-34 Waveguide Standard Gain Horn Antenna Operating From 22 GHz to 33 GHz With a Nominal
PE9851A-20 PASTERNACK-PE9851A-20 Datasheet
434Kb / 3P
WR-34 Waveguide Standard Gain Horn Antenna Operating From 22 GHz to 33 GHz With a Nominal
PE9853A-20 PASTERNACK-PE9853A-20 Datasheet
417Kb / 3P
WR-51 Waveguide Standard Gain Horn Antenna Operating From 15 GHz to 22 GHz With a Nominal 20 dBi Gain With Square Cover Flange
PE9855A-20 PASTERNACK-PE9855A-20 Datasheet
356Kb / 3P
WR-75 Waveguide Standard Gain Horn Antenna Operating From 10 GHz to 15 GHz With a Nominal 20 dBi Gain With Square Cover Flange
PE9858-20 PASTERNACK-PE9858-20 Datasheet
233Kb / 2P
WR-112 Standard Gain Horn Antenna Operates From 7.05 GHz to 10 GHz With a Nominal 20 dB Gain WR-112 Input
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com