Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAR-2309-34KF-R2 Datasheet(PDF) 2 Page - Eravant

Part # SAR-2309-34KF-R2
Description  WR-34 Pyramidal Horn Antenna, 23 dBi Gain with 2.92 mm Coax Input
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SAR-2309-34KF-R2 Datasheet(HTML) 2 Page - Eravant

  SAR-2309-34KF-R2 Datasheet HTML 1Page - Eravant SAR-2309-34KF-R2 Datasheet HTML 2Page - Eravant SAR-2309-34KF-R2 Datasheet HTML 3Page - Eravant SAR-2309-34KF-R2 Datasheet HTML 4Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SAR-2309-34KF-R2 & SAR-2309-34KM-R2
Rev. 1.2
www.sagemillimeter.com | 3043 Kashiwa Street, Torrance, CA 90505
Phone: 424-757-0168 | Fax: 424-757-0188 | Email: sales@sagemillimeter.com
Page | 2
WR-34 Pyramidal Horn Antenna, 23 dBi Gain with 2.92 mm Coax Input
Copyright © 2017 by SAGE Millimeter, Inc.
-30
-20
-10
0
10
20
30
-90
-60
-30
0
30
60
90
Boresight Angle (Degree)
Typical Antenna Pattern @ 27.5 GHz
E-Plane
H-Plane
18
19
20
21
22
23
24
25
26
22
23
24
25
26
27
28
29
30
31
32
33
Frequency (GHz)
Typical Gain vs. Frequency



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com