Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP Datasheet(PDF) 1 Page - Amkor Technology

Part # LQFP
Description  Silver Wirebonding
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

LQFP Datasheet(HTML) 1 Page - Amkor Technology

  LQFP Datasheet HTML 1Page - Amkor Technology LQFP Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: Contact Amkor for detailed production and development status of specific package families
Free Air Ball (FAB) Hardness (Hv)
A huge increase in the price of gold (Au) has driven the need for lower
cost wire materials. Bare copper, Palladium-Coated Copper (PCC),
Au-coated PCC (Au PCC) and silver (Ag) alloy wires have emerged as
alternatives to gold bond wires. Copper-based wires are low cost and
have excellent electrical resistivity. However, the hardness of copper
makes it difficult to use in many applications such as those with fragile
bond pad structures. For these applications, Ag-Alloy offers properties
similar to those of gold while its cost is similar to that of Au PCC.
Package Families Using Ag-Alloy Wire Devices
CABGA
PSOP
LQFP
SC70
MicroLeadFrame® (QFN)
SCSP
MQFP
SOIC
PBGA
SOT-23
PDIP
SSOP
PLCC
TQFP
fcCSP
TSSOP
Silver Wirebonding
TECHNOLOGY SOLUTIONS
In Production
In Development
Process Nodes
14 nm
<14 nm
Wire Diameter
18 µm
15 µm
Inline Bond Pad Pitch
40 µm
35 µm
Staggered Bond Pad Pitch
25/50 µm
20/40 µm
Standoff Stitch Bonding Pad Pitch
50 µm
40 µm
Ag-Alloy Wire Readiness
AMKOR OVERVIEW
Amkor entered volume manufacturing
in 2013. Five package families
(laminate/leadframe) are in volume
production with >50 other packages
under qualification and evaluation.
KEY FEATURES
f
Ag-Alloy wire is softer than Cu wire
resulting in lower Al-Splash and lower
risk of bond pad damage
f
Ag-Alloy wire has a wide
process window that improves
manufacturability for devices with
fragile bond pad structures
BENEFITS
Ag-Alloy wire is the best low-cost
replacement for applications that
need:
f
Die-to-die bonding, waterfall bonding
and very thin AI pad
f
Ultra-fine bond pad pitch (BPP) and
small bond pad openings (BPO) with
less AI splash
f
Ultra-low loop height
f
Ag alloy has higher resistivity than Au
and PCC


Similar Part No. - LQFP

ManufacturerPart #DatasheetDescription
logo
STATS ChipPAC, Ltd.
LQFP STATSCHIP-LQFP Datasheet
126Kb / 2P
Low Profile Quad Flat Pack
logo
Amkor Technology
LQFP AMKOR-LQFP Datasheet
656Kb / 2P
Low Profile Quad Flat Pack (LQFP) Packages
logo
List of Unclassifed Man...
LQFP-44 ETC-LQFP-44 Datasheet
42Kb / 1P
TQFP-44/LQFP-44/PQFP-44/VQFP-44 Stencil (0.8 mm pitch, 10 x 10 mm body)
logo
Analog Microelectronics
LQFP-48 AME-LQFP-48 Datasheet
64Kb / 1P
A1 : MIN 0.05 MAX 0.15 A2 : MIN 1.35 MAX 1.45
logo
List of Unclassifed Man...
LQFP-64 ETC-LQFP-64 Datasheet
42Kb / 1P
TQFP-64/ LQFP-64/ VQFP-64 Stencil (0.5 mm pitch, 10 x 10 mm body
More results

Similar Description - LQFP

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
34-PP1ET72B2 E-SWITCH-34-PP1ET72B2 Datasheet
67Kb / 1P
Silver Plated Brass
34-PP21H72A2 E-SWITCH-34-PP21H72A2 Datasheet
70Kb / 1P
Silver Plated Brass
52-PV3SWH2B011 E-SWITCH-52-PV3SWH2B011_15 Datasheet
85Kb / 1P
SILVER PLATED
52-PV3SWH2B018 E-SWITCH-52-PV3SWH2B018_15 Datasheet
85Kb / 1P
SILVER PLATED
52-PV3WF2H0SS341 E-SWITCH-52-PV3WF2H0SS341_15 Datasheet
73Kb / 1P
SILVER PLATED
14-PA464C1000136 E-SWITCH-14-PA464C1000136 Datasheet
66Kb / 1P
Silver Alloy
14-PA4C12C1100 E-SWITCH-14-PA4C12C1100 Datasheet
80Kb / 1P
Silver Alloy
14-PA4R12C1122 E-SWITCH-14-PA4R12C1122 Datasheet
82Kb / 1P
Silver Alloy
14-PA4RAEJ1100 E-SWITCH-14-PA4RAEJ1100 Datasheet
78Kb / 1P
Silver Alloy
38-RB245C112S E-SWITCH-38-RB245C112S Datasheet
65Kb / 1P
Silver Alloy
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com